Electronic Components Datasheet Search
  English  ▼

X  

183 Datasheet(PDF) 53 Page - Abbatron All Rights Reserved

Part # 183
Description  Premier Supplier of Electronic Hardware
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABBATRON [Abbatron All Rights Reserved]
Direct Link  https://www.abbatron.com/
Logo ABBATRON - Abbatron All Rights Reserved

183 Datasheet(HTML) 53 Page - Abbatron All Rights Reserved

Back Button 183 Datasheet HTML 49Page - Abbatron All Rights Reserved 183 Datasheet HTML 50Page - Abbatron All Rights Reserved 183 Datasheet HTML 51Page - Abbatron All Rights Reserved 183 Datasheet HTML 52Page - Abbatron All Rights Reserved 183 Datasheet HTML 53Page - Abbatron All Rights Reserved 183 Datasheet HTML 54Page - Abbatron All Rights Reserved 183 Datasheet HTML 55Page - Abbatron All Rights Reserved 183 Datasheet HTML 56Page - Abbatron All Rights Reserved 183 Datasheet HTML 57Page - Abbatron All Rights Reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 60 page
background image
Nylon Round, Hex & Male/Female Standoffs
BODY
LENGTH
THREAD
DEPTH
THREAD
LENGTH
HEX THREADED
HEX MALE / FEMALE
ROUND THREADED
• An excellent insulator, the nylon spacer’s surface lubricity
allows wires to be routed against spacer without fear of
chafing the insulation.
• Natural (milky white) finish.
O.D.
#4-40
#6-32
#8-32
#10-32
1/4
4050
4051
4052
5/16
4071C
3/8
4072C
1/4
4053
4054
4055
5/16
4071E
3/8
4072E
1/4
4056
4057
4058
5/16
4071G
3/8
4072G
1/4
4050J
4051J
5/16
4071J
3/8
4072J
1/4
4059
4060
4061
5/16
4071L
3/8
4072L
1/4
4050N
4051N
5/16
4071N
3/8
4072N
1/4
4062
4063
4064
5/16
4071Q
3/8
4072Q
LENGTH
.250
1/4
.375
3/8
.500
1/2
.625
5/8
1.000
1
.750
3/4
.875
7/8
O.D. #4-40
#6-32 #8-32
.250 1/4
4300
4301
4302
.375 3/8
4303
4304
4305
.500 1/2
4306
4307
4308
.625 5/8
4300J 4301J 4073J
.750 3/4
4309
4310
4311
.875 7/8
4312
4313
4314
1.000 1
4315
4316
4317
1/4
LENGTH
O.D.
#4-40
#6-32
#8-32
.250
1/4
4375
4376
4377
.375
3/8
4378
4379
4380
.500
1/2
4381
4382
4383
.625
5/8
4384
4385
4386
.750
3/4
4387
4388
4389
.875
7/8
4390
4391
4392
1.000
1
4393
4394
4395
1.125
1-1/8
4396
4397
4398
1.250
1-1/4
4399
4400
4401
1.375
1-3/8
4402
4403
4404
1.500
1-1/2
4405
4406
4407
1.625
1-5/8
4408
4409
4410
1.750
1-3/4
4411
4412
4413
2.000
2
4414
4415
4416
LENGTH
1/4
51
www.abbatron.com
Contact our Sales Department at 1-888-847-6484
Thread Size
Body Length
Thread Depth Thread Length
1/4"
1/8"
3/16"
3/8" to 2"
1/4"
3/16"
1/4"
1/8"
1/4"
3/8"
1/4"
1/4"
1/2"
11/32"
3/8"
5/8"-2"
3/8"
3/8"
Thread Specs for Male/Female Standoffs (min)
4-40
6-32 & 8-32
Thread Size
4-40
6-32
8-32
10-32
1"
Maximum Thread Depth
7/16"
1/2"
Thread Length
Tap each end
1/4"
7/16"
Thread Length
Tapped Thru
1"
1"
1"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com