Electronic Components Datasheet Search
  English  ▼

X  

183 Datasheet(PDF) 44 Page - Abbatron All Rights Reserved

Part # 183
Description  Premier Supplier of Electronic Hardware
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABBATRON [Abbatron All Rights Reserved]
Direct Link  https://www.abbatron.com/
Logo ABBATRON - Abbatron All Rights Reserved

183 Datasheet(HTML) 44 Page - Abbatron All Rights Reserved

Back Button 183 Datasheet HTML 40Page - Abbatron All Rights Reserved 183 Datasheet HTML 41Page - Abbatron All Rights Reserved 183 Datasheet HTML 42Page - Abbatron All Rights Reserved 183 Datasheet HTML 43Page - Abbatron All Rights Reserved 183 Datasheet HTML 44Page - Abbatron All Rights Reserved 183 Datasheet HTML 45Page - Abbatron All Rights Reserved 183 Datasheet HTML 46Page - Abbatron All Rights Reserved 183 Datasheet HTML 47Page - Abbatron All Rights Reserved 183 Datasheet HTML 48Page - Abbatron All Rights Reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 60 page
background image
#2-56
#4-40
#6-32
#8-32
#10-32
#2-56
#4-40
#6-32
#8-32
3/16
9030
9045
3/16
9038
9053
1/4
8760
8761
8762
1/4
8775
8776
8777
3/8
7902
9380A
3/16
9039
9054
3/16
9031
9046
1/4
8778
8779
8780
1/4
8763
8764
8765
3/16
9040
9055
3/8
7905
9380B
1/4
2373
2123
2128
3/16
9032
9047
3/16
9041
9056
1/4
2370
2120
2125
1/4
8781
8782
8783
3/8
7908
9380C
3/16
9042
9057
3/16
9033
9048
1/4
8784
8785
8786
1/4
8766
8767
8768
3/16
9043
9058
3/8
7911
9380D
1/4
8787
8788
8789
3/16
9034
9049
3/16
9044
9059
1/4
2371
2121
2126
1/4
2374
2124
2129
3/8
7914
9380E
1.125
1-1/8
8760R
8761R
8762R
3/16
9035
9050
1.250
1-1/4
8760S
8761S
8762S
1/4
8769
8770
8771
1.375
1-1/3
8760T
8761T
8762T
3/8
7917
9380F
1.500
1-1/2
8760U
8761U
8762U
3/16
9036
9051
1.625
1-5/8
8760V
8761V
8762V
1/4
2372
2122
2127
1.175
1-3/4
8760W
8761W
8762W
3/8
7920
9380G
1.875
1-7/8
8760X
8761X
8762X
3/16
9037
9052
2
2
8760Y
8761Y
8762Y
1/4
8772
8773
8774
THREAD
.625
5/8
.687
11/16
O.D.
.750
3/4
.812
13/16
.875
7/8
.937
15/16
1
1
1/4
0.375
3/8
0.437
7/16
0.5
1/2
.562
9/16
0.25
1/4
0.312
5/16
0.125
1/8
0.187
3/16
LENGTH
O.D.
THREAD
LENGTH
Brass Round Standoffs
LENGTH
THREAD
OD
Standard nickel plating provides a hard, bright, non-oxidizing surface
which will stand up to difficult ambient conditions.
Thread Size
4-40
6-32
8-32
10-32
Thread Length
Tapped Thru
Thread Length
Tap each end
1"
1/4"
7/16"
Maximum Thread Depth
7/16"
1"
1"
1"
1/2"
Options include:
• Alternative plating finishes such as zinc, silver or gold.
• Odd sizes, taps or threads, plus swage or other shapes.
• Abbatron offers engineering services for special
application parts or materials.
42
HH Smith



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com