Electronic Components Datasheet Search
  English  ▼

X  

ESP8684 Datasheet(PDF) 32 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP8684
Description  RISC-V Single-Core CPU 2.4 GHz Wi-Fi (IEEE 802.11b/g/n) and Bluetooth® 5 (LE)
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP8684 Datasheet(HTML) 32 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP8684 Datasheet HTML 28Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8684 Datasheet HTML 29Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8684 Datasheet HTML 30Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8684 Datasheet HTML 31Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8684 Datasheet HTML 32Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8684 Datasheet HTML 33Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8684 Datasheet HTML 34Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8684 Datasheet HTML 35Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8684 Datasheet HTML 36Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 60 page
background image
4 Functional Description
• Three comparators generating three independent interrupts based on configured alarm value or alarm
period
• Software configuring the reference count value. For example, the system timer is able to load back the
sleep time recorded by RTC timer via software after Light-sleep
• Able to stall or continue running when CPU stalls or enters on-chip-debugging mode
For details, see ESP8684 Technical Reference Manual > Chapter System Timer.
4.1.3.6 Power Management Unit
The ESP8684 has an advanced Power Management Unit (PMU). It can be flexibly configured to power up
different power domains of the chip to achieve the best balance between chip performance, power
consumption, and wakeup latency.
The integrated Ultra-Low-Power (ULP) coprocessors allow the ESP8684 to operate in Deep-sleep mode with
most of the power domains turned off, thus achieving extremely low-power consumption.
Configuring the PMU is a complex procedure. To simplify power management for typical scenarios, there are
the following predefined power modes that power up different combinations of power domains:
• Active mode: CPU and chip radio are powered on. The chip can receive, transmit, or listen.
• Modem-sleep mode: The CPU is operational and the clock speed can be reduced. Wireless base band,
and radio are disabled, but wireless connection can remain active.
• Light-sleep mode: The CPU is paused. Any wake-up events (MAC,RTC timer, or external interrupts) will
wake up the chip. Wireless connection can remain active.
• Deep-sleep mode: CPU and most peripherals are powered down. Only the PMU in RTC power
management unit is powered on. For more details, please refer to Figure 1.
ESP8684 has four power modes, which are predefined configurations that power up different combinations of
power domains. For details, please refer to Table 14.
Table 14: Predefined Power Modes
Power Domain
Power Mode
PMU
Digital
RC_FAST_CLK
XTAL_CLK
PLL_CLK
RF Circuits
Active
ON
ON
ON
ON
ON
ON
Modem-sleep
ON
ON
ON
ON
ON
OFF
Light-sleep
ON
ON
OFF
OFF
OFF
OFF
Deep-sleep
ON
OFF
OFF
OFF
OFF
OFF
4.1.3.7 Brownout Detector
ESP8684 can periodically monitor the voltage of the power supply, and in the event of abnormal voltage, it is
capable of generating interrupts or initiating resets.
Feature List
• Configurable detection threshold
Espressif Systems
31
Submit Documentation Feedback
ESP8684 Series Datasheet v2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com