Electronic Components Datasheet Search
  English  ▼

X  

ESP8684 Datasheet(PDF) 7 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP8684
Description  RISC-V Single-Core CPU 2.4 GHz Wi-Fi (IEEE 802.11b/g/n) and Bluetooth® 5 (LE)
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP8684 Datasheet(HTML) 7 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP8684 Datasheet HTML 3Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8684 Datasheet HTML 4Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8684 Datasheet HTML 5Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8684 Datasheet HTML 6Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8684 Datasheet HTML 7Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8684 Datasheet HTML 8Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8684 Datasheet HTML 9Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8684 Datasheet HTML 10Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8684 Datasheet HTML 11Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 60 page
background image
Contents
4.1.3.1
IO MUX and GPIO Matrix
29
4.1.3.2
Reset
29
4.1.3.3
Clock
30
4.1.3.4
Interrupt Matrix
30
4.1.3.5
System Timer
30
4.1.3.6
Power Management Unit
31
4.1.3.7
Brownout Detector
31
4.1.3.8
Timer Group
32
4.1.3.9
Watchdog Timers
32
4.1.3.10
System Registers
33
4.1.3.11
Debug Assistant
33
4.1.4
Cryptography and Security Component
33
4.1.4.1
ECC Accelerator
33
4.1.4.2
SHA Accelerator
34
4.1.4.3
External Memory Encryption and Decryption
34
4.1.4.4
Random Number Generator
34
4.2
Peripherals
35
4.2.1
Connectivity Interface
35
4.2.1.1
UART Controller
35
4.2.1.2
SPI Controller
36
4.2.1.3
I2C Controller
36
4.2.1.4
LED PWM Controller
37
4.2.2
Analog Signal Processing
37
4.2.2.1
SAR ADC
37
4.2.2.2
Temperature Sensor
38
4.3
Wireless Communication
39
4.3.1
Radio
39
4.3.1.1
2.4 GHz Receiver
39
4.3.1.2
2.4 GHz Transmitter
39
4.3.1.3
Clock Generator
39
4.3.2
Wi-Fi
39
4.3.2.1
Wi-Fi Radio and Baseband
40
4.3.2.2
Wi-Fi MAC
40
4.3.2.3
Networking Features
40
4.3.3
Bluetooth LE
40
4.3.3.1
Bluetooth LE PHY
41
4.3.3.2
Bluetooth LE Link Controller
41
5
Electrical Characteristics
42
5.1
Absolute Maximum Ratings
42
5.2
Recommended Operating Conditions
42
5.3
DC Characteristics (3.3 V, 25 °C)
42
5.4
ADC Characteristics
43
5.5
Current Consumption
43
5.5.1
RF Current Consumption in Active Mode
44
5.5.2
Current Consumption in Other Modes
44
Espressif Systems
6
Submit Documentation Feedback
ESP8684 Series Datasheet v2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com