Electronic Components Datasheet Search
  English  ▼

X  

ESP8684 Datasheet(PDF) 33 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP8684
Description  RISC-V Single-Core CPU 2.4 GHz Wi-Fi (IEEE 802.11b/g/n) and Bluetooth® 5 (LE)
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP8684 Datasheet(HTML) 33 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP8684 Datasheet HTML 29Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8684 Datasheet HTML 30Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8684 Datasheet HTML 31Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8684 Datasheet HTML 32Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8684 Datasheet HTML 33Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8684 Datasheet HTML 34Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8684 Datasheet HTML 35Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8684 Datasheet HTML 36Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8684 Datasheet HTML 37Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 60 page
background image
4 Functional Description
• Configurable reset level
For details, see ESP8684 Technical Reference Manual > Chapter Brownout Detector.
4.1.3.8
Timer Group
The Timer Group (TIMG) in the ESP8684 chip can be used to precisely time an interval, trigger an interrupt
after a particular interval (periodically and aperiodically), or act as a hardware clock. ESP8684 has two timer
groups, each consisting of one general-purpose timer and one Main System Watchdog Timer.
Feature List
• 16-bit prescaler
• 54-bit auto-reload-capable up-down counter
• Able to read real-time value of the time-base counter
• Halt, resume, and disable the time-base counter
• Programmable alarm generation
• Timer value reload (auto-reload at an alarm or a software-controlled instant reload)
• RTC slow clock frequency calculation
• Real-time alarm events
For details, see ESP8684 Technical Reference Manual > Chapter Timer Group (TIMG).
4.1.3.9
Watchdog Timers
The Watchdog Timers (WDT) in ESP8684 are used to detect and recover from malfunctions. The chip contains
two digital watchdog timers: one in the timer group (MWDT) and one in the RTC Module (RWDT).
Feature List
• Digital watchdog timers:
– Four stages, each with a separately programmable timeout value and timeout action
– Timeout actions: Interrupt, CPU reset, core reset, system reset (RWDT only)
– Flash boot protection under SPI Boot mode at stage 0
– Write protection that makes WDT register read only unless unlocked
– 32-bit timeout counter
• Analog watchdog timer:
– Timeout period slightly less than one second
– Timeout actions: Interrupt, system reset
For details, see ESP8684 Technical Reference Manual > Chapter Watchdog Timers.
Espressif Systems
32
Submit Documentation Feedback
ESP8684 Series Datasheet v2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com