Electronic Components Datasheet Search
  English  ▼

X  

ESP8684 Datasheet(PDF) 41 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP8684
Description  RISC-V Single-Core CPU 2.4 GHz Wi-Fi (IEEE 802.11b/g/n) and Bluetooth® 5 (LE)
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP8684 Datasheet(HTML) 41 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP8684 Datasheet HTML 37Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8684 Datasheet HTML 38Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8684 Datasheet HTML 39Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8684 Datasheet HTML 40Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8684 Datasheet HTML 41Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8684 Datasheet HTML 42Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8684 Datasheet HTML 43Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8684 Datasheet HTML 44Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8684 Datasheet HTML 45Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 60 page
background image
4 Functional Description
4.3.2.1 Wi-Fi Radio and Baseband
The ESP8684 series Wi-Fi radio and baseband support the following features:
• 802.11b/g/n
• 802.11n MCS0-7 that supports 20 MHz bandwidth
• 802.11n 0.4 µs guard interval
• Data rate up to 72.2 Mbps
• RX STBC (single spatial stream)
• Adjustable transmitting power
• Antenna diversity
ESP8684 series supports antenna diversity with an external RF switch. This switch is controlled by one
or more GPIOs, and used to select the best antenna to minimize the effects of channel imperfections.
4.3.2.2
Wi-Fi MAC
ESP8684 series implements the full 802.11b/g/n Wi-Fi MAC protocol. It supports the Basic Service Set (BSS)
STA and SoftAP operations under the Distributed Control Function (DCF). Power management is handled
automatically with minimal host interaction to minimize the active duty period.
The ESP8684 series Wi-Fi MAC applies the following low-level protocol functions automatically:
• Three virtual Wi-Fi interfaces
• Infrastructure BSS in Station mode, SoftAP mode, Station + SoftAP mode, and promiscuous mode
• RTS protection, CTS protection, Immediate Block ACK
• Fragmentation and defragmentation
• TX/RX A-MPDU, TX/RX A-MSDU
• Transmit opportunity (TXOP)
• Wi-Fi multimedia (WMM)
• CCMP, TKIP, WEP, BIP, WPA2-PSK/WPA2-Enterprise, and WPA3-PSK/WPA3-Enterprise
• Automatic beacon monitoring (hardware TSF)
4.3.2.3 Networking Features
Espressif provides libraries for TCP/IP networking and other networking protocols over Wi-Fi. TLS 1.2 (default)
and 1.3 are also supported.
4.3.3 Bluetooth LE
This subsection describes the chip’s Bluetooth capabilities, which facilitate wireless communication for
low-power, short-range applications.
Espressif Systems
40
Submit Documentation Feedback
ESP8684 Series Datasheet v2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com