Electronic Components Datasheet Search
  English  ▼

X  

AD5602 Datasheet(PDF) 16 Page - Analog Devices

Part # AD5602
Description  2.7 V to 5.5 V, <100 μA, 8-/10-/12-Bit nanoDACs with I2C Compatible Interface in LFCSP and SC70
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5602 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD5602 Datasheet HTML 12Page - Analog Devices AD5602 Datasheet HTML 13Page - Analog Devices AD5602 Datasheet HTML 14Page - Analog Devices AD5602 Datasheet HTML 15Page - Analog Devices AD5602 Datasheet HTML 16Page - Analog Devices AD5602 Datasheet HTML 17Page - Analog Devices AD5602 Datasheet HTML 18Page - Analog Devices AD5602 Datasheet HTML 19Page - Analog Devices AD5602 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
Data Sheet
AD5602/AD5612/AD5622
SERIAL INTERFACE
analog.com
Rev. F | 16 of 24
The AD5602/AD5612/AD5622 have 2-wire I2C compatible serial
interfaces (refer to I2C-Bus Specification, Version 2.1, January
2000, available from Philips Semiconductor). The AD5602/AD5612/
AD5622 can be connected to an I2C bus as a target device, under
the control of a controller device. See Figure 2 for a timing diagram
of a typical write sequence.
The AD5602/AD5612/AD5622 support standard (100 kHz), fast
(400 kHz), and high speed (3.4 MHz) data transfer modes. Support
is not provided for 10‑bit addressing and general call addressing.
The AD5602/AD5612/AD5622 each have a 7-bit target address.
The five most significant bits (MSB) are 00011 and the two LSBs
are determined by the state of the ADDR pin. The facility to make
hardwired changes to ADDR allows the user to incorporate up to
three of these devices on one bus as outlined in Table 7.
The 2-wire serial bus protocol operates as follows:
1. The controller initiates data transfer by establishing a start
condition, which is when a high to low transition on the SDA
line occurs while SCL is high. The following byte is the address
byte, which consists of the 7-bit target address. The target
address corresponding to the transmitted address responds by
pulling SDA low during the ninth clock pulse (this is termed the
acknowledge bit). At this stage, all other devices on the bus
remain idle while the selected device waits for data to be written
to, or read from, its shift register.
2. Data is transmitted over the serial bus in sequences of nine
clock pulses (eight data bits followed by an acknowledge bit).
The transitions on the SDA line must occur during the low
period of SCL and remain stable during the high period of SCL.
3. When all data bits have been read or written, a stop condition
is established. In write mode, the controller pulls the SDA line
high during the 10th clock pulse to establish a stop condition.
If a stop condition is generated between the 7th and 8th clock
pulse of the I2C address frame, a power cycle is required to
recover the device. In read mode, the controller issues a no
acknowledge for the ninth clock pulse (that is, the SDA line
remains high). The controller then brings the SDA line low
before the 10th clock pulse, and then high during the 10th clock
pulse to establish a stop condition.
Table 7. Device Address Selection
ADDR
A1
A0
GND
1
1
VDD
0
0
NC (No Connection)
1
0
INPUT REGISTER
The input register is 16 bits wide. Figure 39, Figure 40, and Figure
41 illustrate the contents of the input register for each device. Data
is loaded into the device as a 16-bit word under the control of
an SCL input. The timing diagram for this operation is shown in
Figure 2. The 16-bit word consists of four control bits followed
by 8, 10, or 12 bits of data, depending on the device type. MSB
(DB15) is loaded first. The first two bits are reserved bits that must
be set to zero; the next two bits are control bits that select the
mode of operation of the device (normal mode or any one of three
power-down modes). See the Power-Down Modes section for a
complete description. The remaining bits are left justified DAC data
bits, starting with the MSB and ending with the LSB.
Figure 39. AD5602 Input Register Contents
Figure 40. AD5612 Input Register Contents
Figure 41. AD5622 Input Register Contents



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com