Electronic Components Datasheet Search
  English  ▼

X  

AD5602 Datasheet(PDF) 23 Page - Analog Devices

Part # AD5602
Description  2.7 V to 5.5 V, <100 μA, 8-/10-/12-Bit nanoDACs with I2C Compatible Interface in LFCSP and SC70
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5602 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD5602 Datasheet HTML 16Page - Analog Devices AD5602 Datasheet HTML 17Page - Analog Devices AD5602 Datasheet HTML 18Page - Analog Devices AD5602 Datasheet HTML 19Page - Analog Devices AD5602 Datasheet HTML 20Page - Analog Devices AD5602 Datasheet HTML 21Page - Analog Devices AD5602 Datasheet HTML 22Page - Analog Devices AD5602 Datasheet HTML 23Page - Analog Devices AD5602 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
Data Sheet
AD5602/AD5612/AD5622
OUTLINE DIMENSIONS
analog.com
Rev. F | 23 of 24
Table 10. (Continued)
Model1, 2
Temperature Range
Package Description
Packing Quantity
Package Option Marking Code
AD5612BKSZ-2500RL7
−40°C to +125°C
6-Lead SC70
Reel, 500
KS-6
D5U
AD5612AKSZ-2500RL7
−40°C to +125°C
6-Lead SC70
Reel, 500
KS-6
D60
AD5612AKSZ-2REEL7
−40°C to +125°C
6-Lead SC70
Reel, 3000
KS-6
D60
AD5612ACPZ-2-RL7
−40°C to +125°C
6-Lead LFCSP
Reel, 3000
CP-6-5
D2
AD5612YKSZ-2500RL7
−40°C to +125°C
6-Lead SC70
Reel, 500
KS-6
D5S
AD5612YKSZ-2REEL7
−40°C to +125°C
6-Lead SC70
Reel, 3000
KS-6
D5S
AD5622YKSZ-1500RL7
−40°C to +125°C
6-Lead SC70
Reel, 500
KS-6
D5M
AD5622YKSZ-1REEL7
−40°C to +125°C
6-Lead SC70
Reel, 3000
KS-6
D5M
AD5622BKSZ-2500RL7
−40°C to +125°C
6-Lead SC70
Reel, 500
KS-6
D5N
AD5622BKSZ-2REEL7
−40°C to +125°C
6-Lead SC70
Reel, 3000
KS-6
D5N
AD5622YKSZ-2500RL7
−40°C to +125°C
6-Lead SC70
Reel, 500
KS-6
D5P
AD5622YKSZ-2REEL7
−40°C to +125°C
6-Lead SC70
Reel, 3000
KS-6
D5P
AD5622WKSZ-1500RL7
−40°C to +125°C
6-Lead SC70
Reel, 500
KS-6
D5Q
AD5622AKSZ-2500RL7
−40°C to +125°C
6-Lead SC70
Reel, 500
KS-6
D5R
AD5622AKSZ-2REEL7
−40°C to +125°C
6-Lead SC70
Reel, 3000
KS-6
D5R
AD5612WAKSZ-2REEL7
−40°C to +125°C
6-Lead SC70
Reel, 3000
KS-6
Y9W
1 Z = RoHS Compliant Part.
2 W = Qualified for Automotive Applications; does not apply to the AD5622WKSZ-1500RL7 model.
INL, I2C INTERFACE MODES SUPPORTED, AND POWER SUPPLY RANGE OPTIONS
Table 11.
Model1, 2
INL (max)
I2C Interface Modes Supported
Power Supply Range
AD5602YKSZ-1500RL7
±0.5 LSB
Standard, fast and high speed
2.7 V to 5.5 V
AD5602YKSZ-1REEL7
±0.5 LSB
Standard, fast and high speed
2.7 V to 5.5 V
AD5602BKSZ-2500RL7
±0.5 LSB
Standard, fast
2.7 V to 5.5 V
AD5602BKSZ-2REEL7
±0.5 LSB
Standard, fast
2.7 V to 5.5 V
AD5602YKSZ-2500RL7
±0.5 LSB
Standard, fast
2.7 V to 5.5 V
AD5602YKSZ-2REEL7
±0.5 LSB
Standard, fast
2.7 V to 5.5 V
AD5612YKSZ-1500RL7
±0.5 LSB
Standard, fast, and high speed
2.7 V to 5.5 V
AD5612BKSZ-2500RL7
±0.5 LSB
Standard, fast
2.7 V to 5.5 V
AD5612AKSZ-2500RL7
±4 LSB
Standard, fast
2.7 V to 5.5 V
AD5612AKSZ-2REEL7
±4 LSB
Standard, fast
2.7 V to 5.5 V
AD5612ACPZ-2-RL7
±4 LSB
Standard, fast
2.7 V to 5.5 V
AD5612YKSZ-2500RL7
±0.5 LSB
Standard, fast
2.7 V to 5.5 V
AD5612YKSZ-2REEL7
±0.5 LSB
Standard, fast
2.7 V to 5.5 V
AD5622YKSZ-1500RL7
±2 LSB
Standard, fast, and high speed
2.7 V to 5.5 V
AD5622YKSZ-1REEL7
±2 LSB
Standard, fast, and high speed
2.7 V to 5.5 V
AD5622BKSZ-2500RL7
±2 LSB
Standard, fast
2.7 V to 5.5 V
AD5622BKSZ-2REEL7
±2 LSB
Standard, fast
2.7 V to 5.5 V
AD5622YKSZ-2500RL7
±2 LSB
Standard, fast
2.7 V to 5.5 V
AD5622YKSZ-2REEL7
±2 LSB
Standard, fast
2.7 V to 5.5 V
AD5622WKSZ-1500RL7
±6 LSB
Standard, fast, and high speed
2.7 V to 5.5 V
AD5622AKSZ-2500RL7
±6 LSB
Standard, fast
2.7 V to 5.5 V
AD5622AKSZ-2REEL7
±6 LSB
Standard, fast
2.7 V to 5.5 V
AD5612WAKSZ-2REEL7
±4 LSB
Standard, fast
2.7 V to 5.5 V
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com