Electronic Components Datasheet Search
  English  ▼

X  

AD5602 Datasheet(PDF) 2 Page - Analog Devices

Part # AD5602
Description  2.7 V to 5.5 V, <100 μA, 8-/10-/12-Bit nanoDACs with I2C Compatible Interface in LFCSP and SC70
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5602 Datasheet(HTML) 2 Page - Analog Devices

  AD5602 Datasheet HTML 1Page - Analog Devices AD5602 Datasheet HTML 2Page - Analog Devices AD5602 Datasheet HTML 3Page - Analog Devices AD5602 Datasheet HTML 4Page - Analog Devices AD5602 Datasheet HTML 5Page - Analog Devices AD5602 Datasheet HTML 6Page - Analog Devices AD5602 Datasheet HTML 7Page - Analog Devices AD5602 Datasheet HTML 8Page - Analog Devices AD5602 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Data Sheet
AD5602/AD5612/AD5622
TABLE OF CONTENTS
analog.com
Rev. F | 2 of 24
Features................................................................ 1
Applications........................................................... 1
Functional Block Diagram......................................1
General Description...............................................1
Product Highlights................................................. 1
Specifications........................................................ 3
I2C Timing Specifications................................... 4
Timing Diagram.................................................. 5
Absolute Maximum Ratings...................................6
ESD Caution.......................................................6
Pin Configurations and Function Descriptions.......7
Typical Performance Characteristics..................... 8
Terminology......................................................... 14
Theory of Operation.............................................15
D/A Section...................................................... 15
Resistor String..................................................15
Output Amplifier................................................15
Serial Interface.................................................... 16
Input Register...................................................16
Power-On Reset...............................................17
Power-Down Modes......................................... 17
Write Operation................................................ 17
Read Operation................................................19
High Speed Mode.............................................20
Applications Information...................................... 21
Choosing a Reference as Power Supply..........21
Bipolar Operation............................................. 21
Power Supply Bypassing and Grounding.........21
Outline Dimensions............................................. 22
Ordering Guide.................................................22
INL, I2C Interface Modes Supported, and
Power Supply Range Options........................ 23
Automotive Products........................................ 24
REVISION HISTORY
10/2024—Rev. E to Rev. F
Changed Master to Controller and Slave to Target (Throughout).................................................................... 1
Changes to Features Section.......................................................................................................................... 1
Changes to Ordering Guide........................................................................................................................... 22
Added INL, I2C Interface Modes Supported, and Power Supply Range Options.......................................... 23
Added Automotive Products Section............................................................................................................. 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com