Electronic Components Datasheet Search
  English  ▼

X  

AD5602 Datasheet(PDF) 17 Page - Analog Devices

Part # AD5602
Description  2.7 V to 5.5 V, <100 μA, 8-/10-/12-Bit nanoDACs with I2C Compatible Interface in LFCSP and SC70
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5602 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD5602 Datasheet HTML 13Page - Analog Devices AD5602 Datasheet HTML 14Page - Analog Devices AD5602 Datasheet HTML 15Page - Analog Devices AD5602 Datasheet HTML 16Page - Analog Devices AD5602 Datasheet HTML 17Page - Analog Devices AD5602 Datasheet HTML 18Page - Analog Devices AD5602 Datasheet HTML 19Page - Analog Devices AD5602 Datasheet HTML 20Page - Analog Devices AD5602 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Data Sheet
AD5602/AD5612/AD5622
SERIAL INTERFACE
analog.com
Rev. F | 17 of 24
POWER-ON RESET
The AD5602/AD5612/AD5622 each contain a power-on reset circuit
that controls the output voltage during power-up. The DAC register
is filled with zeros and the output voltage is 0 V where it remains
until a valid write sequence is made to the DAC. This is useful in
applications in which it is important to know the state of the DAC
output while it is in the process of powering up.
POWER-DOWN MODES
The AD5602/AD5612/AD5622 each contain four separate modes of
operation. These modes are software programmable by setting Bit
PD1 and Bit PD0 in the control register. Table 8 shows how the
state of the bits corresponds to the mode of operation of the device.
Table 8. Modes of Operation
PD1
PD0
Operating Mode
0
0
Normal operation
0
1
Power-down (1 kΩ load to GND)
1
0
Power-down (100 kΩ load to GND)
1
1
Power-down (Three-state output)
When both bits are set to 0, the device works normally with its usual
power consumption of 100 µA maximum at 5 V. However, for the
three power-down modes, the supply current falls to <150 nA (at
3 V). Not only does the supply current fall, but the output stage
is internally switched from the output of the amplifier to a resistor
network of known values. This gives the advantage of knowing the
output impedance of the device while the device is in power-down
mode. There are three different options. The output is connected
internally to GND through a 1 kΩ resistor, a 100 kΩ resistor, or it is
left open circuited (three-state). Figure 42 shows the output stage.
Figure 42. Output Stage During Power-Down
The bias generator, output amplifier, resistor string, and other as-
sociated linear circuitry are all shut down when the power-down
mode is activated. However, the contents of the DAC register are
unaffected when in power-down. The time to exit power-down is
typically 14 µs for VDD = 5 V and 17 µs for VDD = 3 V (see Figure
29).
WRITE OPERATION
When writing to the AD5602/AD5612/AD5622, the user must begin
with a start command followed by an address byte (R/W) = 0), after
which the DAC acknowledges that it is prepared to receive data by
pulling SDA low.
Two bytes of data are then written to the DAC, the most significant
byte followed by the least significant byte as shown in Figure
43; both of these data bytes are acknowledged by the AD5602/
AD5612/AD5622. A stop condition follows. The write operations for
the three DACs are shown in Figure 43, Figure 44, and Figure 45.
Figure 43. AD5602 Write Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com