Electronic Components Datasheet Search
  English  ▼

X  

PCA2129 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PCA2129
Description  Automotive accurate RTC with integrated quartz crystal
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2129 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PCA2129 Datasheet HTML 12Page - NXP Semiconductors PCA2129 Datasheet HTML 13Page - NXP Semiconductors PCA2129 Datasheet HTML 14Page - NXP Semiconductors PCA2129 Datasheet HTML 15Page - NXP Semiconductors PCA2129 Datasheet HTML 16Page - NXP Semiconductors PCA2129 Datasheet HTML 17Page - NXP Semiconductors PCA2129 Datasheet HTML 18Page - NXP Semiconductors PCA2129 Datasheet HTML 19Page - NXP Semiconductors PCA2129 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 84 page
background image
PCA2129
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 5 — 19 December 2014
16 of 84
NXP Semiconductors
PCA2129
Automotive accurate RTC with integrated quartz crystal
8.5 Power management functions
The PCA2129 has two power supplies:
VDD — the main power supply
VBAT — the battery backup supply
Internally, the PCA2129 is operating with the internal operating voltage Voper(int) which is
also available as VBBS on the battery backed output voltage pin, BBS. Depending on the
condition of the main power supply and the selected power management function,
Voper(int) is either on the potential of VDD or VBAT (see Section 8.5.3).
Two power management functions are implemented:
Battery switch-over function — monitoring the main power supply VDD and switching to
VBAT in case a power fail condition is detected (see Section 8.5.1).
Battery low detection function — monitoring the status of the battery, VBAT (see
Section 8.5.2).
The power management functions are controlled by the control bits PWRMNG[2:0] (see
Table 19) in register Control_3 (see Table 11):
[1]
Default value.
[2]
When the battery switch-over function is disabled, the PCA2129 works only with the power supply VDD.
VBAT must be put to ground and the battery low detection function is disabled.
Table 19.
Power management control bit description
PWRMNG[2:0]
Function
000
[1] battery switch-over function is enabled in standard mode;
battery low detection function is enabled
001
battery switch-over function is enabled in standard mode;
battery low detection function is disabled
010
battery switch-over function is enabled in standard mode;
battery low detection function is disabled
011
battery switch-over function is enabled in direct switching mode;
battery low detection function is enabled
100
battery switch-over function is enabled in direct switching mode;
battery low detection function is disabled
101
battery switch-over function is enabled in direct switching mode;
battery low detection function is disabled
111
[2] battery switch-over function is disabled, only one power supply
(VDD);
battery low detection function is disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com