Electronic Components Datasheet Search
  English  ▼

X  

PCA2129 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCA2129
Description  Automotive accurate RTC with integrated quartz crystal
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2129 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCA2129 Datasheet HTML 6Page - NXP Semiconductors PCA2129 Datasheet HTML 7Page - NXP Semiconductors PCA2129 Datasheet HTML 8Page - NXP Semiconductors PCA2129 Datasheet HTML 9Page - NXP Semiconductors PCA2129 Datasheet HTML 10Page - NXP Semiconductors PCA2129 Datasheet HTML 11Page - NXP Semiconductors PCA2129 Datasheet HTML 12Page - NXP Semiconductors PCA2129 Datasheet HTML 13Page - NXP Semiconductors PCA2129 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 84 page
background image
PCA2129
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 5 — 19 December 2014
10 of 84
NXP Semiconductors
PCA2129
Automotive accurate RTC with integrated quartz crystal
8.2 Control registers
The first 3 registers of the PCA2129, with the addresses 00h, 01h, and 02h, are used as
control registers.
8.2.1 Register Control_1
Table 6.
Control_1 - control and status register 1 (address 00h) bit allocation
Bits labeled as T must always be written with logic 0.
Bit
7
6
5
4
3
2
1
0
Symbol
EXT_
TEST
TSTOP
TSF1
POR_
OVRD
12_24
MI
SI
Reset
value
0
000
1000
Table 7.
Control_1 - control and status register 1 (address 00h) bit description
Bits labeled as T must always be written with logic 0.
Bit
Symbol
Value
Description
Reference
7
EXT_TEST
0
normal mode
Section 8.13
1
external clock test mode
6
T
0
unused
-
5
STOP
0
RTC source clock runs
Section 8.14
1
RTC clock is stopped;
RTC divider chain flip-flops are asynchronously
set logic 0;
CLKOUT at 32.768 kHz, 16.384 kHz, or
8.192 kHz is still available
4
TSF1
0
no timestamp interrupt generated
Section 8.11.1
1
flag set when TS input is driven to an intermediate
level between power supply and ground;
flag must be cleared to clear interrupt
3
POR_OVRD
0
Power-On Reset Override (PORO) facility disabled;
set logic 0 for normal operation
Section 8.7.2
1
Power-On Reset Override (PORO) sequence
reception enabled
2
12_24
0
24-hour mode selected
Table 27,
Table 43,
Table 64
1
12-hour mode selected
1
MI
0
minute interrupt disabled
Section 8.12.1
1
minute interrupt enabled
0
SI
0
second interrupt disabled
1
second interrupt enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com