Electronic Components Datasheet Search
  English  ▼

X  

PCA2129 Datasheet(PDF) 33 Page - NXP Semiconductors

Part # PCA2129
Description  Automotive accurate RTC with integrated quartz crystal
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2129 Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button PCA2129 Datasheet HTML 29Page - NXP Semiconductors PCA2129 Datasheet HTML 30Page - NXP Semiconductors PCA2129 Datasheet HTML 31Page - NXP Semiconductors PCA2129 Datasheet HTML 32Page - NXP Semiconductors PCA2129 Datasheet HTML 33Page - NXP Semiconductors PCA2129 Datasheet HTML 34Page - NXP Semiconductors PCA2129 Datasheet HTML 35Page - NXP Semiconductors PCA2129 Datasheet HTML 36Page - NXP Semiconductors PCA2129 Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 84 page
background image
PCA2129
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 5 — 19 December 2014
33 of 84
NXP Semiconductors
PCA2129
Automotive accurate RTC with integrated quartz crystal
8.9.1 Register Second_alarm
8.9.2 Register Minute_alarm
Table 38.
Second_alarm - second alarm register (address 0Ah) bit allocation
Bits labeled as X are undefined at power-on and unchanged by subsequent resets.
Bit
7
6
5
4
3
2
1
0
Symbol
AE_S
SECOND_ALARM (0 to 59)
Reset
value
1
XX
XXX
XX
Table 39.
Second_alarm - second alarm register (address 0Ah) bit description
Bit
Symbol
Value
Place value Description
7
AE_S
0
-
second alarm is enabled
1
-
second alarm is disabled
6 to 4
SECOND_ALARM
0 to 5
ten’s place
second alarm information coded in BCD format
3to0
0 to9
unit place
Table 40.
Minute_alarm - minute alarm register (address 0Bh) bit allocation
Bits labeled as X are undefined at power-on and unchanged by subsequent resets.
Bit
7
6
5
4
3
2
1
0
Symbol
AE_M
MINUTE_ALARM (0 to 59)
Reset
value
1
XX
XXX
XX
Table 41.
Minute_alarm - minute alarm register (address 0Bh) bit description
Bits labeled as X are undefined at power-on and unchanged by subsequent resets.
Bit
Symbol
Value
Place value Description
7
AE_M
0
-
minute alarm is enabled
1
-
minute alarm is disabled
6 to 4
MINUTE_ALARM
0 to 5
ten’s place
minute alarm information coded in BCD format
3to0
0 to9
unit place



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com