Electronic Components Datasheet Search
  English  ▼

X  

PCA2129 Datasheet(PDF) 56 Page - NXP Semiconductors

Part # PCA2129
Description  Automotive accurate RTC with integrated quartz crystal
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2129 Datasheet(HTML) 56 Page - NXP Semiconductors

Back Button PCA2129 Datasheet HTML 52Page - NXP Semiconductors PCA2129 Datasheet HTML 53Page - NXP Semiconductors PCA2129 Datasheet HTML 54Page - NXP Semiconductors PCA2129 Datasheet HTML 55Page - NXP Semiconductors PCA2129 Datasheet HTML 56Page - NXP Semiconductors PCA2129 Datasheet HTML 57Page - NXP Semiconductors PCA2129 Datasheet HTML 58Page - NXP Semiconductors PCA2129 Datasheet HTML 59Page - NXP Semiconductors PCA2129 Datasheet HTML 60Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 84 page
background image
PCA2129
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 5 — 19 December 2014
56 of 84
NXP Semiconductors
PCA2129
Automotive accurate RTC with integrated quartz crystal
The R/W bit defines the direction of the following single or multiple byte data transfer (read
is logic 1, write is logic 0).
For the format and the timing of the START condition (S), the STOP condition (P), and the
acknowledge (A) refer to the I2C-bus specification Ref. 13 “UM10204” and the
characteristics table (Table 82). In the write mode, a data transfer is terminated by sending
a STOP condition. A repeated START (Sr) condition is not applicable.
9.3 Bus communication and battery backup operation
To save power during battery backup operation (see Section 8.5.1), the bus interfaces are
inactive. Therefore the communication via I2C- or SPI-bus should be terminated before
the supply of the PCA2129 is switched from VDD to VBAT.
Remark: If the I2C-bus communication was terminated uncontrolled, the I2C-bus has to
be reinitialized by sending a STOP followed by a START after the device switched back
from battery backup operation to VDD supply operation.
Table 77.
I2C slave address byte
Slave address
Bit
7
6
5
4
3
2
1
0
MSB
LSB
10
10
00
1R/W
Fig 36. Bus protocol, writing to registers
Fig 37. Bus protocol, reading from registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com