Electronic Components Datasheet Search
  English  ▼

X  

AD4056 Datasheet(PDF) 32 Page - Analog Devices

Part # AD4056
Description  Compact, Low Power, 12-Bit, 2 MSPS/500 kSPS Easy Drive SAR ADC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4056 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD4056 Datasheet HTML 28Page - Analog Devices AD4056 Datasheet HTML 29Page - Analog Devices AD4056 Datasheet HTML 30Page - Analog Devices AD4056 Datasheet HTML 31Page - Analog Devices AD4056 Datasheet HTML 32Page - Analog Devices AD4056 Datasheet HTML 33Page - Analog Devices AD4056 Datasheet HTML 34Page - Analog Devices AD4056 Datasheet HTML 35Page - Analog Devices AD4056 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 67 page
background image
Data Sheet
AD4050/AD4056
MODES OF OPERATION
analog.com
Rev. A | 32 of 67
AVERAGING MODE
In averaging mode, each rising edge of the CNV signal triggers a
conversion to start, and the averaging filter accumulates multiple
consecutive conversion results to generate a 14-bit averaged result.
Table 16 lists the configuration register settings to select averag-
ing mode. Figure 48 shows a typical connection diagram for the
AD4050/AD4056 digital interface that includes a recommended 200
Ω series resistor close to the CNV pin.
Figure 49 shows an interface timing diagram for averaging mode.
All timing specifications in Figure 49 are given in the Timing
Specifications section. The ADC sampling period (tCYC) is set by
the period of the CNV signal, and the output data rate (fODR) of
the averaging filter is fS divided by the averaging ratio (NAVG).
Larger averaging ratios yield greater noise reduction and resolution
improvements, but slower fODR. The averaging filter supports aver-
aging ratios from 2 to 256 and is set by the AVG_WIN_LEN bit field,
as described in the Block Averaging Filter section.
The digital host must wait for the averaged result to be ready before
asserting CS to start an SPI frame. The RDY signal acts as an
optional hardware interrupt to synchronize the SPI reads to the
ADC sampling phases (see the Data Ready Signal section). To
ensure optimal performance, the digital host must also observe the
tQUIET specification that defines the minimum delay between the
final SCLK falling edge and the next CNV rising edge.
By default, the averaging mode output data are 16-bits long, includ-
ing the 14-bit averaged ADC data with 2-bits of sign extension.
Averaging mode also offers an optional sign-extension byte and
CRC byte that can be appended to the 16-bit data. See the ADC
Mode Output Data Format section for details on the averaging
mode SDO data formatting options.
In averaging mode, the maximum sampling rate (fS) is limited by the
output data rate of the SPI (fODR), which is a function of the output
data length and serial clock frequency (fSCLK). See the Calculating
Serial Interface Output Data Rate section for details on estimating
the maximum achievable fS for the given operating conditions.
When the DEV_EN signal is enabled, the start of the conversion is
delayed by the programmable tPWR_ON delay, relative to the CNV
rising edge. See the Device Enable Signal section and Figure 52 for
specific timing details when using the DEV_EN signal.
Figure 48. Averaging Mode Example Connection Diagram
Figure 49. Averaging Mode Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com