Electronic Components Datasheet Search
  English  ▼

X  

AD4056 Datasheet(PDF) 13 Page - Analog Devices

Part # AD4056
Description  Compact, Low Power, 12-Bit, 2 MSPS/500 kSPS Easy Drive SAR ADC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4056 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD4056 Datasheet HTML 9Page - Analog Devices AD4056 Datasheet HTML 10Page - Analog Devices AD4056 Datasheet HTML 11Page - Analog Devices AD4056 Datasheet HTML 12Page - Analog Devices AD4056 Datasheet HTML 13Page - Analog Devices AD4056 Datasheet HTML 14Page - Analog Devices AD4056 Datasheet HTML 15Page - Analog Devices AD4056 Datasheet HTML 16Page - Analog Devices AD4056 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 67 page
background image
Data Sheet
AD4050/AD4056
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. A | 13 of 67
VDD = 3.3 V, VREF = 3.3 V, VIO = 3.3 V, CREF = 2.2 μF, maximum fS, TA = 25°C, and all features in default configuration, unless otherwise
specified.
Figure 6. INL vs. Output Code
Figure 7. INL vs. Temperature
Figure 8. Zero Error and Gain Error vs. Temperature
Figure 9. Histogram, Sample Mode (No Averaging)
Figure 10. SNR vs. Number of Averages
Figure 11. SNR, SINAD vs. Input Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com