Electronic Components Datasheet Search
  English  ▼

X  

AD4056 Datasheet(PDF) 62 Page - Analog Devices

Part # AD4056
Description  Compact, Low Power, 12-Bit, 2 MSPS/500 kSPS Easy Drive SAR ADC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4056 Datasheet(HTML) 62 Page - Analog Devices

Back Button AD4056 Datasheet HTML 58Page - Analog Devices AD4056 Datasheet HTML 59Page - Analog Devices AD4056 Datasheet HTML 60Page - Analog Devices AD4056 Datasheet HTML 61Page - Analog Devices AD4056 Datasheet HTML 62Page - Analog Devices AD4056 Datasheet HTML 63Page - Analog Devices AD4056 Datasheet HTML 64Page - Analog Devices AD4056 Datasheet HTML 65Page - Analog Devices AD4056 Datasheet HTML 66Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 67 page
background image
Data Sheet
AD4050/AD4056
REGISTER DETAILS
analog.com
Rev. A | 62 of 67
Table 43. Bit Descriptions for CHOP_CONFIG (Continued)
Bits
Bit Name
Description
Reset
Access
0x7: 128.
0x8: 256.
0x9: 512.
0xA: 1024.
0xB: 2048.
TIMER CONFIGURATION REGISTER
Address: 0x27, Reset: 0x00, Name: TIMER_CONFIG
Table 44. Bit Descriptions for TIMER_CONFIG
Bits
Bit Name
Description
Reset
Access
[7:4]
FS_BURST_AUTO 1
Sample Rate Selection for Burst and Autonomous Modes.
0x0
R/W
0x0: 2 MSPS.
0x1: 1 MSPS.
0x2: 300 kSPS.
0x3: 100 kSPS.
0x4: 33.3 kSPS.
0x5: 10 kSPS.
0x6: 3 kSPS.
0x7: 1 kSPS.
0x8: 500 SPS.
0x9: 333 SPS.
0xA: 250 SPS.
0xB: 200 SPS.
0xC: 166 SPS.
0xD: 140 SPS.
0xE: 125 SPS.
0xF: 111 SPS.
[3:0]
TIMER_PWR_ON
DEV_EN Power-On Timer Setting. Selects the delay between DEV_EN assertion and ADC sampling instant
when DEV_EN is selected for either GP0 or GP1 pins.
0x0
R/W
0x0: 500 ns.
0x1: 1 µs.
0x2: 3.3 µs.
0x3: 10 µs.
0x4: 30 µs.
0x5: 100 µs.
0x6: 330 µs.
0x7: 1 ms.
0x8: 2 ms.
0x9: 3 ms.
0xA: 4 ms.
0xB: 5 ms.
0xC: 6 ms.
0xD: 7 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com