Electronic Components Datasheet Search
  English  ▼

X  

AD4056 Datasheet(PDF) 49 Page - Analog Devices

Part # AD4056
Description  Compact, Low Power, 12-Bit, 2 MSPS/500 kSPS Easy Drive SAR ADC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4056 Datasheet(HTML) 49 Page - Analog Devices

Back Button AD4056 Datasheet HTML 45Page - Analog Devices AD4056 Datasheet HTML 46Page - Analog Devices AD4056 Datasheet HTML 47Page - Analog Devices AD4056 Datasheet HTML 48Page - Analog Devices AD4056 Datasheet HTML 49Page - Analog Devices AD4056 Datasheet HTML 50Page - Analog Devices AD4056 Datasheet HTML 51Page - Analog Devices AD4056 Datasheet HTML 52Page - Analog Devices AD4056 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 67 page
background image
Data Sheet
AD4050/AD4056
APPLICATIONS INFORMATION
analog.com
Rev. A | 49 of 67
AD4050/AD4056 begin sampling the inputs with VDD as the VREF
source. Table 20 gives the relevant configuration settings for both
phases.
In the MON_VAL calculation phase, the REF pin is driven by an
accurate voltage reference, like the MAX6070, and the REF pin is
selected as the VREF source. The VDD voltage is internally scaled
by ½ and sampled by the ADC. A CNV rising edge triggers a burst
of samples in burst averaging mode. When the averaged result
is generated, the AD4050/AD4056 automatically calculate a 16-bit
digital correction factor and load it into the MON_VAL field. The
RDY signal can optionally be assigned to the GP0 or GP1 pins to
indicate when the calculation is complete.
In the MON_VAL application phase, the ADC is reconfigured to
sample the input signal via the IN+ and IN− pins, with VDD selected
as the VREF source. The external voltage reference is powered
down to reduce system power. When the ADC samples the inputs,
the MON_VAL scaling factor is applied to the digital output codes to
scale them to the transfer function set by the REF voltage instead
of the VDD voltage.
Depending on the stability of the VDD supply circuit, the MON_VAL
calculation may need to be repeated periodically to maintain system
accuracy targets.
Figure 73. MON_VAL Calculation Configuration
Figure 74. MON_VAL Application Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com