Electronic Components Datasheet Search
  English  ▼

X  

ADL6331 Datasheet(PDF) 46 Page - Analog Devices

Part # ADL6331
Description  0.38 GHz to 15 GHz TxVGA
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6331 Datasheet(HTML) 46 Page - Analog Devices

Back Button ADL6331 Datasheet HTML 42Page - Analog Devices ADL6331 Datasheet HTML 43Page - Analog Devices ADL6331 Datasheet HTML 44Page - Analog Devices ADL6331 Datasheet HTML 45Page - Analog Devices ADL6331 Datasheet HTML 46Page - Analog Devices ADL6331 Datasheet HTML 47Page - Analog Devices ADL6331 Datasheet HTML 48Page - Analog Devices ADL6331 Datasheet HTML 49Page - Analog Devices ADL6331 Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 54 page
background image
Data Sheet
ADL6331
REGISTER DETAILS
analog.com
Rev. B | 46 of 54
Table 40. Bit Descriptions for SIG_PATH1_2 (Continued)
Bits
Bit Name
Description
Reset
Access
00101: 5dB.
00110: 6dB.
00111: 7dB.
01000: 8dB.
01001: 9dB.
01010: 10dB.
01011: 11dB.
01100: 12dB.
01101: 13dB.
01110: 14dB.
01111: 15dB.
10000: 16dB.
10001: 17dB.
10010: 18dB.
10011: 19dB.
10100: 20dB.
10101: 21dB.
10110: 22dB.
10111: 23dB.
11000: 24dB.
Address: 0x10C, Reset: 0x08, Name: SIG_PATH2_2
Table 41. Bit Descriptions for SIG_PATH2_2
Bits
Bit Name
Description
Reset
Access
7
AMP2_BYPASS2
Amp 2 Bypass State 2 Setting.
0x0
R/W
0: Fixed Gain Mode.
1: Bypass Mode Enable.
6
AMP1_BYPASS2
Amp 1 Bypass State 2 Setting.
0x0
R/W
0: Fixed Gain Mode.
1: Bypass Mode Enable.
[5:0]
DSA_ATTN2
DSA Attenuator State 2 Setting.
0x8
R/W
00000: 0dB.
00001: 1dB.
00010: 2dB.
00011: 3dB.
00100: 4dB.
00101: 5dB.
00110: 6dB.
00111: 7dB.
01000: 8dB.
01001: 9dB.
01010: 10dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com