Electronic Components Datasheet Search
  English  ▼

X  

ADL6331 Datasheet(PDF) 54 Page - Analog Devices

Part # ADL6331
Description  0.38 GHz to 15 GHz TxVGA
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6331 Datasheet(HTML) 54 Page - Analog Devices

Back Button ADL6331 Datasheet HTML 46Page - Analog Devices ADL6331 Datasheet HTML 47Page - Analog Devices ADL6331 Datasheet HTML 48Page - Analog Devices ADL6331 Datasheet HTML 49Page - Analog Devices ADL6331 Datasheet HTML 50Page - Analog Devices ADL6331 Datasheet HTML 51Page - Analog Devices ADL6331 Datasheet HTML 52Page - Analog Devices ADL6331 Datasheet HTML 53Page - Analog Devices ADL6331 Datasheet HTML 54Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 54 / 54 page
background image
Data Sheet
ADL6331
OUTLINE DIMENSIONS
©2024 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
One Analog Way, Wilmington, MA 01887-2356, U.S.A.
Rev. B | 54 of 54
Package Drawing (Option)
Package Type
Package Description
CC-24-17
LGA
24-Terminal Land Grid Array
For the latest package outline information and land patterns (footprints), go to Package Index.
ORDERING GUIDE
Model1
Temperature Range
Package Description
Packing Quantity
Package Option
ADL6331ACCZA
−40°C to +105°C
24-Lead LGA (4 mm × 4 mm × 0.76 mm w/ EP)
Cut Tape, 500
CC-24-17
ADL6331ACCZA-R7
−40°C to +105°C
24-Lead LGA (4 mm × 4 mm × 0.76 mm w/ EP)
Reel, 500
CC-24-17
ADL6331ACCZB
−40°C to +105°C
24-Lead LGA (4 mm × 4 mm × 0.76 mm w/ EP)
Cut Tape, 500
CC-24-17
ADL6331ACCZB-R7
−40°C to +105°C
24-Lead LGA (4 mm × 4 mm × 0.76 mm w/ EP)
Reel, 500
CC-24-17
1 Z = RoHS Compliant Part.
EVALUATION BOARDS
Model1
Description
ADL6331-EVALZA
Version A (0.38 GHz to 8.0 GHz) Evaluation Board
ADL6331-EVALZB
Version B (1.0 GHz to 15.0 GHz) Evaluation Board
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com