Electronic Components Datasheet Search
  English  ▼

X  

ADL6331 Datasheet(PDF) 15 Page - Analog Devices

Part # ADL6331
Description  0.38 GHz to 15 GHz TxVGA
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6331 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADL6331 Datasheet HTML 11Page - Analog Devices ADL6331 Datasheet HTML 12Page - Analog Devices ADL6331 Datasheet HTML 13Page - Analog Devices ADL6331 Datasheet HTML 14Page - Analog Devices ADL6331 Datasheet HTML 15Page - Analog Devices ADL6331 Datasheet HTML 16Page - Analog Devices ADL6331 Datasheet HTML 17Page - Analog Devices ADL6331 Datasheet HTML 18Page - Analog Devices ADL6331 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 54 page
background image
Data Sheet
ADL6331
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. B | 15 of 54
Figure 24. OIP3 vs. Frequency at Various DSA Values
Figure 25. OIP3 vs. Frequency at Various DSA Values, AMP1 bypass
Figure 26. OIP3 vs. Frequency for Various Temperatures
Figure 27. OIP3 vs. Input Power Per Tone for Various Temperatures at 600
MHz, 2000 MHz and 8000 MHz
Figure 28. OIP2L vs. Frequency for Various Temperatures
Figure 29. OIP2H vs. Frequency for Various Temperatures, Tone Spacing
Equals to 1010 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com