Electronic Components Datasheet Search
  English  ▼

X  

OPA378 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPA378
Description  Low Noise, 900kHz, 50mV, Rail-to-Rail Input/Output Precision OPERATIONAL AMPLIFIER Zer첩-Drift Series
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA378 Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA378 Datasheet HTML 3Page - Texas Instruments OPA378 Datasheet HTML 4Page - Texas Instruments OPA378 Datasheet HTML 5Page - Texas Instruments OPA378 Datasheet HTML 6Page - Texas Instruments OPA378 Datasheet HTML 7Page - Texas Instruments OPA378 Datasheet HTML 8Page - Texas Instruments OPA378 Datasheet HTML 9Page - Texas Instruments OPA378 Datasheet HTML 10Page - Texas Instruments OPA378 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
www.ti.com
-50
Temperature( C)
°
0
-25
25
50
100
75
125
150
120
115
110
105
100
95
90
85
80
PSRR
V =5.5V
S
V =5.5V
S
V =1.8V
S
CMRR
-50
Temperature( C)
°
0
-25
25
50
100
75
125
150
140
135
130
125
120
R =100kW
L
R =10kW
L
R =5kW
L
Time(4 s/div)
m
G=+1
R =10kW
L
1
LoadCapacitor(pF)
10
100
1k
10k
80
70
60
50
40
30
20
10
0
Gain=+1V/V
Gain= 1V/V
-
RFB=5kW
Gain= 1V/V
-
RFB=100kW
0
0
Time(10 s/div)
m
Output
10kW
1kW
OPA378
+2.5V
2.5V
Input
Time(4 s/div)
m
Output
10kW
1kW
OPA378
+2.5V
2.5V
Input
OPA378
OPA2378
SBOS417 – JANUARY 2008
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, RL = 10kΩ, VS = +5.5V and VOUT = VS/2, unless otherwise noted.
COMMON-MODE REJECTION RATIO AND PSRR
OPEN-LOOP GAIN
vs TEMPERATURE
vs TEMPERATURE
Figure 13.
Figure 14.
SMALL-SIGNAL OVERSHOOT
vs LOAD CAPACITANCE
SMALL-SCALE STEP RESPONSE
Figure 15.
Figure 16.
POSITIVE OVER-VOLTAGE RECOVERY
NEGATIVE OVER VOLTAGE RECOVERY
Figure 17.
Figure 18.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): OPA378 OPA2378



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com