Electronic Components Datasheet Search
  English  ▼

X  

OPA378 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA378
Description  Low Noise, 900kHz, 50mV, Rail-to-Rail Input/Output Precision OPERATIONAL AMPLIFIER Zer첩-Drift Series
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA378 Datasheet(HTML) 1 Page - Texas Instruments

  OPA378 Datasheet HTML 1Page - Texas Instruments OPA378 Datasheet HTML 2Page - Texas Instruments OPA378 Datasheet HTML 3Page - Texas Instruments OPA378 Datasheet HTML 4Page - Texas Instruments OPA378 Datasheet HTML 5Page - Texas Instruments OPA378 Datasheet HTML 6Page - Texas Instruments OPA378 Datasheet HTML 7Page - Texas Instruments OPA378 Datasheet HTML 8Page - Texas Instruments OPA378 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
BurrBrown Products
from Texas Instruments
1
FEATURES
DESCRIPTION
APPLICATIONS
Time(1s/div)
Time(1s/div)
0.1HzTO10HzNOISE
1
Frequency(Hz)
10
100
1k
10k
30k
100
10
0
Frequency(Hz)
VoltageNoise
INPUTCURRENTANDVOLTAGENOISE
SPECTRALDENSITYvsFREQUENCY
OPA378
OPA2378
SBOS417 – JANUARY 2008
Low Noise, 900kHz, 50
µV, Rail-to-Rail Input/Output
Precision OPERATIONAL AMPLIFIER
Zerø-Drift Series
23
• LOW NOISE 0.1Hz to 10Hz: 0.4µV
PP
• LOW OFFSET VOLTAGE: 15µV (typ)
The
OPA378
and
OPA2378
represent
a
new
generation
of
micropower
operational
amplifiers.
• QUIESCENT CURRENT: 100µA (typ)
Rail-to-rail input, low input offset voltage (50
µV max),
• OFFSET DRIFT: 0.1µV/°C (typ)
low quiescent current (125
µA max), and 900kHz
• SINGLE-SUPPLY OPERATION
bandwidth
make
this
part
very
attractive
for
low-power precision applications. In addition, this part
• SUPPLY VOLTAGE: 1.8V to 5.5V
has excellent PSRR, making it an outstanding choice
• microSIZE PACKAGES: SC70 and SOT23
for applications that run directly from batteries without
regulation.
The OPA378 (single version) is available in a
• BATTERY-POWERED INSTRUMENTS
microSIZE SC70-5 and SOT23-5. The OPA2378
• TEMPERATURE MEASUREMENT
(dual version) is offered in s SOT23-8 package. All
• MEDICAL INSTRUMENTATION
versions are specified for operation from –40
°C to
+125
°C.
• HANDHELD TEST EQUIPMENT
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
I2C is a trademark of NXP Semiconductors.
3
All other trademarks are the property of their respective owners.
PRODUCT PREVIEW information concerns products in the
Copyright © 2008, Texas Instruments Incorporated
formative or design phase of development. Characteristic data and
other specifications are design goals. Texas Instruments reserves
the right to change or discontinue these products without notice.


Similar Part No. - OPA378

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA378 TI-OPA378 Datasheet
980Kb / 24P
Low-Noise, 900kHz, RRIO, Precision OPERATIONAL AMPLIFIER Zer첩-Drift Series
OPA378 TI-OPA378 Datasheet
792Kb / 27P
Low-Noise, 900kHz, RRIO, Precision OPERATIONAL AMPLIFIER Zer첩-Drift Series
OPA378 TI1-OPA378 Datasheet
483Kb / 23P
0.03-uV/C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA378 TI1-OPA378 Datasheet
1Mb / 26P
0.03-關V/째C Drift, Low-Noise, Rail-to-Rail Output
OPA378 TI2-OPA378 Datasheet
899Kb / 31P
Low-Noise, 900kHz, RRIO, Precision OPERATIONAL AMPLIFIER Zerø-Drift Series
REVISED OCTOBER 2009
More results

Similar Description - OPA378

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8605 AD-AD8605 Datasheet
559Kb / 20P
Precision Low noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
5/04-Data Sheet Changed from Rev. C to Rev. D
AD8605 AD-AD8605_08 Datasheet
738Kb / 24P
Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. H
logo
Texas Instruments
OPA378 TI-OPA378_1 Datasheet
980Kb / 24P
Low-Noise, 900kHz, RRIO, Precision OPERATIONAL AMPLIFIER Zer첩-Drift Series
OPA378 TI-OPA378_2 Datasheet
792Kb / 27P
Low-Noise, 900kHz, RRIO, Precision OPERATIONAL AMPLIFIER Zer첩-Drift Series
logo
Analog Devices
AD8605ARTZ AD-AD8605ARTZ Datasheet
836Kb / 24P
Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. N
logo
Texas Instruments
OPA378 TI-OPA378_15 Datasheet
1Mb / 29P
Low-Noise, 900kHz, RRIO,Precision OPERATIONAL AMPLIFIER Zer첩-Drift Series
logo
New Japan Radio
NJU7076 NJRC-NJU7076 Datasheet
1Mb / 12P
Precision, Low Noise, Rail-to-Rail Output, CMOS Operational Amplifier
NJU7077 NJRC-NJU7077 Datasheet
1Mb / 12P
Precision, Low Noise, Rail-to-Rail Output, CMOS Operational Amplifier
NJU7078 NJRC-NJU7078 Datasheet
1Mb / 12P
Precision, Low Noise, Rail-to-Rail Output, CMOS Operational Amplifier
logo
Texas Instruments
OPA188-Q1 TI1-OPA188-Q1 Datasheet
1Mb / 37P
Precision, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift, Automotive-Grade Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com