Electronic Components Datasheet Search
  English  ▼

X  

OPA378 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA378
Description  Low Noise, 900kHz, 50mV, Rail-to-Rail Input/Output Precision OPERATIONAL AMPLIFIER Zer첩-Drift Series
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA378 Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA378 Datasheet HTML 5Page - Texas Instruments OPA378 Datasheet HTML 6Page - Texas Instruments OPA378 Datasheet HTML 7Page - Texas Instruments OPA378 Datasheet HTML 8Page - Texas Instruments OPA378 Datasheet HTML 9Page - Texas Instruments OPA378 Datasheet HTML 10Page - Texas Instruments OPA378 Datasheet HTML 11Page - Texas Instruments OPA378 Datasheet HTML 12Page - Texas Instruments OPA378 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
www.ti.com
APPLICATIONS INFORMATION
5kW
OPA378
10mAmax
+5V
V
IN
V
OUT
I
OVERLOAD
Current-limitingresistor
requiredifinputvoltage
exceedssupplyrailsby
³ 0.5V.
INTERNAL OFFSET CORRECTION
GENERAL LAYOUT GUIDELINES
OPERATING VOLTAGE
INPUT VOLTAGE
OPA378
OPA2378
SBOS417 – JANUARY 2008
The OPA378 and OPA2378 are unity-gain stable and
free from unexpected output phase reversal. These
devices use a proprietary auto-calibration technique
to provide low offset voltage and very low drift over
time and temperature. For lowest offset voltage and
precision performance, circuit layout and mechanical
conditions should be optimized. Avoid temperature
gradients that create thermoelectric (Seebeck) effects
in the thermocouple junctions formed from connecting
dissimilar
conductors.
These
thermally-generated
potentials can be made to cancel by assuring they
Figure 23. Input Current Protection
are equal on both input terminals. Other layout and
design considerations include:
• Use low thermoelectric-coefficient conditions
(avoid dissimilar metals).
The OPA378 and OPA2378 op amps use an
• Thermally isolate components from power
auto-calibration technique with a time-continuous
supplies or other heat sources.
350kHz op amp in the signal path. This amplifier is
• Shield op amp and input circuitry from air
zero-corrected
every
3
µs using a proprietary
currents, such as cooling fans.
technique. Upon power-up, the amplifier requires
Following these guidelines reduces the likelihood of
approximately
100
µs to achieve specified V
OS
junctions being at different temperatures, which can
accuracy. This architecture has no aliasing or flicker
cause thermoelectric voltages of 0.1
µV/°C or higher,
noise.
depending on materials used.
Attention
to
good
layout
practices
is
always
The OPA378 and OPA2378 op amps operate over a
recommended.
Keep
traces
short
and,
when
power-supply range of +1.8V to +5.5V (±0.9V to
possible, use a printed circuit board (PCB) ground
±2.75V). Supply voltages higher than +7V (absolute
plane with surface-mount components placed as
maximum) can permanently damage the device.
close to the device pins as possible. Place a 0.1
µF
Parameters
that
vary
over
supply
voltage
or
capacitor closely across the supply pins. These
temperature are shown in the Typical Characteristics
guidelines should be applied throughout the analog
section of this data sheet.
circuit
to
improve
performance
and
provide
benefits
such
as
reducing
the
electromagnetic
interference (EMI) susceptibility.
Operational amplifiers vary in susceptibility to radio
The OPA378 and OPA2378 input common-mode
frequency interference (RFI). RFI can generally be
voltage range extends 0.1V beyond the supply rails.
identified as a variation in offset voltage or dc signal
The
OPA378
is
designed
to
cover
the
full
levels with changes in the interfering RF signal. The
common-mode
range
without
the
troublesome
OPA378 has been specifically designed to minimize
transition region found in some other rail-to-rail
susceptibility to RFI and demonstrates remarkably
amplifiers.
low sensitivity compared to previous generation
Normally, input bias current is about 150pA; however,
devices. Despite this design, strong RF fields may
input voltages exceeding the power supplies can
cause varying offset levels. If the amplifier cannot be
cause excessive current to flow into or out of the
located away from sources of radiation, shielding may
input pins. Momentary voltages greater than the
be needed. Twisting wire input leads makes them
power supply can be tolerated if the input current is
more resistant to RF fields.
limited to 10mA. This limitation is easily accomplished
with an input resistor, as shown in Figure 23.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): OPA378 OPA2378



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com