Electronic Components Datasheet Search
  English  ▼

X  

OPA378 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA378
Description  Low Noise, 900kHz, 50mV, Rail-to-Rail Input/Output Precision OPERATIONAL AMPLIFIER Zer첩-Drift Series
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA378 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA378 Datasheet HTML 6Page - Texas Instruments OPA378 Datasheet HTML 7Page - Texas Instruments OPA378 Datasheet HTML 8Page - Texas Instruments OPA378 Datasheet HTML 9Page - Texas Instruments OPA378 Datasheet HTML 10Page - Texas Instruments OPA378 Datasheet HTML 11Page - Texas Instruments OPA378 Datasheet HTML 12Page - Texas Instruments OPA378 Datasheet HTML 13Page - Texas Instruments OPA378 Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
www.ti.com
OPA378
Output
R
SHUNT
Load
V+
V+
R
G
R
L
R
(2)
1
10kW
R
BIAS
+5V
zener
(1)
Twozener
biasingmethods
areshown.
(3)
MOSFETratedto
stand-offsupplyvoltage
suchasBSS84for
upto50V.
(1)zenerratedforopampsupplycapability(thatis,5.1VforOPA378).
(2)Current-limitingresistor.
(3)ChoosezenerbiasingresistorordualNMOSFETs(FDG6301N,NTJD4001N,orSi1034)
NOTES:
R
SHUNT
C
BYPASS
OPA378
3V
1MW
60kW
100kW
1MW
NTC
Thermistor
V
1
-In
V
2
+In
R
1
R
2
2
3
5
6
1
R
2
OPA378
OPA378
INA152
V
O
V =(1+2R /R
O
2
1
2
1
)(V
V )
-
OPA378
OPA2378
SBOS417 – JANUARY 2008
Figure 27 shows a high side current monitor. The
small power supply window of voltage. For the
load current develops a drop across RSHUNT, and the
OPA378, ±VS but must be between 1.8V and
low (or load side, most negative side) of RSHUNT is
5.5V.Two possible methods are shown to bias the
connected to the noninverting input of the op amp.
zener, the customary resistor bias and a current
The op amp feedback forces a replica of this voltage
mirror. To operate over at the lowest possible voltage
on its inverting input, yielding a drop across RG that is
for the shunt supply, current mirror biasing could also
identical to the drop across RSHUNT. RG can be sized
be used. In either case, note that the voltage at the
to provide whatever current is most convenient to the
output terminal of this circuit is restricted by whatever
designer based on this voltage drop. The MOSFET
voltage is available at the shunt. Resistor R1 and the
conveys this current out of its drain to ground, where
diode on the noninverting input provide protection in
a resistor RL converts the current that flows through
situations where the load might be shorted out. These
RG and the MOSFET back into a voltage. In this way
components clamp the noninverting input to within a
RL/RG sets the voltage gain of this circuit. The op
diode drop of the negative rail of the op amp under
amp is powered by the zener diode, which forms a
short-circuit conditions.
Figure 27. High-Side Current Monitor
Figure 28. Thermistor Measurement
Figure 29. Precision Instrumentation Amplifier
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): OPA378 OPA2378



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com