Electronic Components Datasheet Search
  English  ▼

X  

MAX4271ESA Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX4271ESA
Description  3V to 12V Current-Limiting Hot-Swap Controllers with Autoretry, DualSpeed/BiLevel Fault Protection
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4271ESA Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX4271ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4271ESA Datasheet HTML 9Page - Maxim Integrated Products MAX4271ESA Datasheet HTML 10Page - Maxim Integrated Products MAX4271ESA Datasheet HTML 11Page - Maxim Integrated Products MAX4271ESA Datasheet HTML 12Page - Maxim Integrated Products MAX4271ESA Datasheet HTML 13Page - Maxim Integrated Products MAX4271ESA Datasheet HTML 14Page - Maxim Integrated Products MAX4271ESA Datasheet HTML 15Page - Maxim Integrated Products MAX4271ESA Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
3V to 12V Current-Limiting Hot-Swap Controllers
with Autoretry, DualSpeed/BiLevel Fault Protection
12
______________________________________________________________________________________
Figure 2. MAX4273 Functional Diagram
MAX4273
6μA
VIN
SLOW COMPARATOR
FAST COMPARATOR
6μA
2.45V
INPUT
UVLO
LOGIC
CONTROL
DISCHARGE
ENABLE
STAT
REF
REF
1.2V
AUXVCC
AUXVCC
GND
0.1V
0.6V
ON
LLMON
INC
VOUT
RSENSE
VIN
CSPD
N
Q1
GATE
CEXT
CEXT
SENSE
RTH
RTH
IN
OUTPUT
OVLO
0.1V
GATE
OVLO
ON COMPARATOR
RESET COMPARATOR
GATE DRIVE
VFC,TH = 50mV
VFC,TH = 200mV
VFC,TH =
50mV TO 750mV
150ms
DELAY
ON
VIN RISING
OUTC
VIN
CTIM
CTIM
4μA
10μA
AUXVCC
VIN
CTON
CTON
4μA
150ms
DELAY ON INC RISING
0.6V
CHARGE PUMP
1MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com