Electronic Components Datasheet Search
  English  ▼

X  

MAX4271ESA Datasheet(PDF) 22 Page - Maxim Integrated Products

Part # MAX4271ESA
Description  3V to 12V Current-Limiting Hot-Swap Controllers with Autoretry, DualSpeed/BiLevel Fault Protection
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4271ESA Datasheet(HTML) 22 Page - Maxim Integrated Products

Back Button MAX4271ESA Datasheet HTML 18Page - Maxim Integrated Products MAX4271ESA Datasheet HTML 19Page - Maxim Integrated Products MAX4271ESA Datasheet HTML 20Page - Maxim Integrated Products MAX4271ESA Datasheet HTML 21Page - Maxim Integrated Products MAX4271ESA Datasheet HTML 22Page - Maxim Integrated Products MAX4271ESA Datasheet HTML 23Page - Maxim Integrated Products MAX4271ESA Datasheet HTML 24Page - Maxim Integrated Products MAX4271ESA Datasheet HTML 25Page - Maxim Integrated Products MAX4271ESA Datasheet HTML 26Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
3V to 12V Current-Limiting Hot-Swap Controllers
with Autoretry, DualSpeed/BiLevel Fault Protection
22
______________________________________________________________________________________
For the MAX4273 in retry mode, the duty cycle can be
adjusted. Use the MOSFET ZθJA curve and the tSTART
pulse duration to choose a maximum duty cycle, D.
Calculate the retry time:
tRETRY = tSTART / D
Use Figure 8 to determine CTIM given tRETRY.
Design Procedure (MAX4273)
GIVEN:
• Hot-swap 5V supply to a 1000µF card
• MOSFET IRF7413A: RDS(on) = 0.0135Ω
• Operating current = 4A
• Overload current = 5A
• System current limit = 10A
• Retry enabled
PROCEDURE:
1) Select the current sense resistor:
Slow comparator threshold = 50mV
Overload current = 5A
Current-sense resistor value = 50mV/5A = 10mΩ
The device will initiate a slow fault if the load current
is greater than 5A for longer than 20µs after startup.
2) Set fast comparator threshold (RTH).
The MOSFET pulsed drain current limit is 58A.
Another consideration for setting the current limit is
the system requirement. Systems may glitch if 58A
load transients are present. For this example, the
load transient will be limited to 10A:
System current limit = 10A
Current-sense resistor = 10mΩ
Fast comparator threshold = 10mΩ ✕ 10A = 100mV
Select RTH from Figure 7, RTH = 10kΩ
3) Set Startup timer.
Startup current = System current limit = 10A
VIN = 5V
CBOARD = 1000µF
tON = 1000µF ✕ 5V / 10A = 500µs
Give a factor of 2 guardband on the startup timer.
tSTART = 2 ✕ tON = 1.0ms
From Figure 8, CTON = 3000pF.
4) Select Retry Timeout.
VIN = 5V.
IMAX = 10A.
Peak junction temperature, TJ = 150°CJ
Peak ambient temperature, TA = 85°CA
100
10
1
0.1
0.01
0.001
0.0001
0.1
1
10
100
t1, RECTANGULAR PULSE DURATION (s)
PDM
t1
t2
NOTES:
1. DUTY FACTOR D = t1 / t2
2. PEAK TJ = PDM X ZθJA + TA
D = 0.50
0.20
0.10
0.05
0.02
0.01
SINGLE PULSE
(THERMAL RESPONSE)
Figure 17. Example Curves (from IRF7413A) for Maximum Effective Transient Thermal Impedance, Junction to Ambient



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com