Electronic Components Datasheet Search
  English  ▼

X  

MAX4271ESA Datasheet(PDF) 20 Page - Maxim Integrated Products

Part # MAX4271ESA
Description  3V to 12V Current-Limiting Hot-Swap Controllers with Autoretry, DualSpeed/BiLevel Fault Protection
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4271ESA Datasheet(HTML) 20 Page - Maxim Integrated Products

Back Button MAX4271ESA Datasheet HTML 16Page - Maxim Integrated Products MAX4271ESA Datasheet HTML 17Page - Maxim Integrated Products MAX4271ESA Datasheet HTML 18Page - Maxim Integrated Products MAX4271ESA Datasheet HTML 19Page - Maxim Integrated Products MAX4271ESA Datasheet HTML 20Page - Maxim Integrated Products MAX4271ESA Datasheet HTML 21Page - Maxim Integrated Products MAX4271ESA Datasheet HTML 22Page - Maxim Integrated Products MAX4271ESA Datasheet HTML 23Page - Maxim Integrated Products MAX4271ESA Datasheet HTML 24Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
3V to 12V Current-Limiting Hot-Swap Controllers
with Autoretry, DualSpeed/BiLevel Fault Protection
20
______________________________________________________________________________________
The ON and INC comparator inputs and the STAT and
OUTC can be pulled to voltages up to 14V indepen-
dently of VIN, thus allowing parts to be daisy-chained
and not be turned on through the internal protection
diodes. In some applications, it is useful to use connec-
tors with staggered leads. In Figure 14, the ON pin
forces the removable board to be powered up only
when all connections are made.
Auxiliary VCC
The auxiliary VCC is available on the MAX4273 and is
used to sustain the input voltage required for the device
to operate during a short-circuit condition on the board.
When a short occurs, the main system power supply
could collapse and the MAX4273 will not have enough
voltage to keep the gate drive operational and turn off
the external MOSFET. If the fault is not removed, the
system could remain in a sustained short-circuit state.
Connect a 1µF capacitor from the AUXVCC pin to GND.
This capacitor will deliver the necessary energy to the
gate drive until the MOSFET is turned off and the main
supply recovers. The 1µF capacitor is charged from VIN
through an internal switch during normal operation.
Maximum Load Capacitance
The MAX4271/MAX4272/MAX4273 can be used on the
backplane to regulate current upon insertion of a
removable card (Figure 16). This allows multiple cards
with different input capacitance to be inserted into the
same slot even if the card doesn’t have on-board hot-
swap protection.
The MAX4271/MAX4272/MAX4273 current-limiting fea-
ture is active during the startup period set by CTIM.
The startup period can be triggered if VIN is connected
to ON through a trace on the card. Once tSTART has
expired (timed out), the load capacitance has to be
charged or a fault condition is detected. To ensure
startup with a fixed CTIM, tSTART has to be longer than
the time required to charge the board capacitance. The
maximum load capacitance is calculated as follows:
CBOARD < tSTART ✕ IFAST,SET / VIN
Input Transients
The voltage at VIN must be above the UVLO during
inrush and fault conditions. When a short condition
occurs on the board, the fault current can be higher
than the fast comparator current limit. The gate voltage
Figure 12. Power-On Reset
OUTC
RESET
μP
INC
LLMON
IN
SENSE
GATE
VIN
MAX4273
Figure 14. Fail-Safe Connector
IN
ON
BACKPLANE
10k
1M
RESET
VCC
MAX4271
MAX4272
MAX4273
SENSE GATE
REMOVABLE
CARD
Figure 13. Power-On Reset and Temperature
GND
LLMON
OUTC
ON
REF
IN
INC
SENSE
GATE
NTC
VIN
VOUT
MAX4273



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com