Electronic Components Datasheet Search
  English  ▼

X  

MAX4271ESA Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4271ESA
Description  3V to 12V Current-Limiting Hot-Swap Controllers with Autoretry, DualSpeed/BiLevel Fault Protection
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4271ESA Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4271ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4271ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4271ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4271ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4271ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4271ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4271ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4271ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4271ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
3V to 12V Current-Limiting Hot-Swap Controllers
with Autoretry, DualSpeed/BiLevel Fault Protection
_______________________________________________________________________________________
5
Typical Operating Characteristics
(VIN = 5V, RSENSE = 100mΩ, CBOARD = 47µF, TA = +25°C, unless otherwise noted.)
0
0.3
0.2
0.1
0.5
0.4
0.9
0.8
0.7
0.6
1.0
02468
10
12
14
SUPPLY CURRENT vs. INPUT VOLTAGE
VIN (V)
ON = VIN
IGATE = 10μA
ON = GND
-40
-15
10
35
60
85
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (°C)
0
0.3
0.2
0.1
0.5
0.4
0.9
0.8
0.7
0.6
1.0
ON = VIN
VIN = 12V
VIN = 5V
VIN = 3V
180
200
190
220
210
230
240
18
20
19
22
21
23
24
06
8
2
4
10
12
14
SLOW COMPARATOR
RESPONSE TIME vs. INPUT VOLTAGE
MAX4271/3-03
VIN (V)
CSPD = 110nF
TIME IN ms
CSPD = 0
TIME IN μs
49.0
49.6
49.4
49.2
50.0
49.8
50.8
50.6
50.4
50.2
51.0
02468
10
12
14
SLOW COMPARATOR THRESHOLD
vs. INPUT VOLTAGE
VIN (V)
TA = -40°C
TA = +25°C
TA = +85°C
200
250
350
300
400
450
1
10
100
1000
FAST COMPARATOR RESPONSE TIME
vs. OVERDRIVE VOLTAGE
OVERDRIVE VOLTAGE (mV)
VIN = 12V
VIN = 5V
VIN = 3V
200
300
400
350
450
500
-40
10
-15
35
60
85
FAST COMPARATOR RESPONSE TIME
vs. TEMPERATURE
TEMPERATURE (°C)
VIN = 12V
VIN = 5V
VIN = 3V
250
190
196
194
192
200
198
208
206
204
202
210
FAST COMPARATOR THRESHOLD
vs. INPUT VOLTAGE
02468
10
12
14
VIN (V)
TA = -40°C
TA = +25°C
TA = +85°C
0.1
1
1k
100
10
10k
100k
0.01
1
0.1
10
100
1000
TIME TO FAST DISCHARGE GATE
vs. CGATE
CGATE (nF)
VIN = 12V
VIN = 5V
VIN = 3V
NO EXTERNAL MOSFET
DISCHARGE TO VGATE = 0.1V
250
270
310
290
330
350
04
2
6
8
101214
STARTUP PERIOD
vs. INPUT VOLTAGE
MAX4271/3-09
VIN (V)
25
27
31
29
33
35
CTIM = 100nF
TIME IN ms
CTIM = 1nF
TIME IN μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com