Electronic Components Datasheet Search
  English  ▼

X  

TPS1100PWLE Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS1100PWLE
Description  SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS1100PWLE Datasheet(HTML) 2 Page - Texas Instruments

  TPS1100PWLE Datasheet HTML 1Page - Texas Instruments TPS1100PWLE Datasheet HTML 2Page - Texas Instruments TPS1100PWLE Datasheet HTML 3Page - Texas Instruments TPS1100PWLE Datasheet HTML 4Page - Texas Instruments TPS1100PWLE Datasheet HTML 5Page - Texas Instruments TPS1100PWLE Datasheet HTML 6Page - Texas Instruments TPS1100PWLE Datasheet HTML 7Page - Texas Instruments TPS1100PWLE Datasheet HTML 8Page - Texas Instruments TPS1100PWLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
TPS1100, TPS1100Y
SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS
SLVS078C – DECEMBER 1993 – REVISED AUGUST 1995
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description (continued)
Such applications include notebook computers, personal digital assistants (PDAs), cellular telephones, and
PCMCIA cards. For existing designs, the D-packaged version has a pinout common with other p-channel
MOSFETs in SOIC packages.
TPS1100Y chip information
This chip, when properly assembled, displays characteristics similar to the TPS1100. Thermal compression or
ultrasonic bonding may be used on the doped aluminum bonding pads. The chips may be mounted with
conductive epoxy or a gold-silicon preform.
BONDING PAD ASSIGNMENTS
CHIP THICKNESS: 15 MILS TYPICAL
BONDING PADS: 4
× 4 MILS MINIMUM
TJmax = 150°C
TOLERANCES ARE
±10%
ALL DIMENSIONS ARE IN MILS
57
64
TPS1100Y
(2)
(6)
(1)
(3)
(7)
(8)
(5)
(4)
DRAIN
SOURCE
SOURCE
SOURCE
GATE
DRAIN
DRAIN
DRAIN
(2)
(1)
(3)
(4)
(6)
(7)
(8)
(5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com