Electronic Components Datasheet Search
  English  ▼

X  

TPS1100PWLE Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS1100PWLE
Description  SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS1100PWLE Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS1100PWLE Datasheet HTML 2Page - Texas Instruments TPS1100PWLE Datasheet HTML 3Page - Texas Instruments TPS1100PWLE Datasheet HTML 4Page - Texas Instruments TPS1100PWLE Datasheet HTML 5Page - Texas Instruments TPS1100PWLE Datasheet HTML 6Page - Texas Instruments TPS1100PWLE Datasheet HTML 7Page - Texas Instruments TPS1100PWLE Datasheet HTML 8Page - Texas Instruments TPS1100PWLE Datasheet HTML 9Page - Texas Instruments TPS1100PWLE Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
TPS1100, TPS1100Y
SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS
SLVS078C – DECEMBER 1993 – REVISED AUGUST 1995
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
– 5
– 4
– 2
– 1
0
– 3
0
– 1
– 2– 3– 4– 5
– 6
– 7
– 6
DRAIN CURRENT
vs
DRAIN-TO-SOURCE VOLTAGE
– 7
– 8
– 9 – 10
VGS = – 6 V
VDS – Drain-to-Source Voltage – V
VGS = – 8 V
VGS = – 7 V
VGS = – 3 V
VGS = – 4 V
VGS = – 2 V
VGS = – 5 V
TJ = 25°C
Figure 3
Figure 4
0
– 2
– 3
– 5
DRAIN CURRENT
vs
GATE-TO-SOURCE VOLTAGE
– 7
– 1
– 4
– 6
VGS – Gate-to-Source Voltage – V
TJ = 150°C
TJ = 25°C
TJ = – 40°C
VDS = –10 V
0
– 5
– 4
– 2
– 1
– 3
– 7
– 6
0.3
0.2
0.1
0
– 0.1
– 1
0.4
0.5
STATIC DRAIN-TO-SOURCE ON-STATE RESISTANCE
vs
DRAIN CURRENT
0.6
– 10
ID – Drain Current – A
0.7
VGS = – 2.7 V
VGS = – 3 V
VGS = – 4.5 V
VGS = –10 V
TJ = 25°C
Figure 5
200
150
50
0
0 – 1 – 2 – 3 – 4 – 5 – 6
250
300
CAPACITANCE
vs
DRAIN-TO-SOURCE VOLTAGE
350
– 7 – 8 – 9
–12
100
–10 –11
Coss
VDS – Drain-to-Source Voltage – V
Ciss†
Crss‡
VGS = 0
f = 1 MHz
TJ = 25°C
Figure 6
†
Crss + Cgd,Coss + Cds )
Cgs Cgd
Cgs ) Cgd
≈ C
ds )
C
gd
‡
C
iss +
Cgs ) Cgd,Cds(shorted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com