Electronic Components Datasheet Search
  English  ▼

X  

TPS1100PWLE Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS1100PWLE
Description  SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS1100PWLE Datasheet(HTML) 5 Page - Texas Instruments

  TPS1100PWLE Datasheet HTML 1Page - Texas Instruments TPS1100PWLE Datasheet HTML 2Page - Texas Instruments TPS1100PWLE Datasheet HTML 3Page - Texas Instruments TPS1100PWLE Datasheet HTML 4Page - Texas Instruments TPS1100PWLE Datasheet HTML 5Page - Texas Instruments TPS1100PWLE Datasheet HTML 6Page - Texas Instruments TPS1100PWLE Datasheet HTML 7Page - Texas Instruments TPS1100PWLE Datasheet HTML 8Page - Texas Instruments TPS1100PWLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
TPS1100, TPS1100Y
SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS
SLVS078C – DECEMBER 1993 – REVISED AUGUST 1995
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
Figure 1. Switching-Time Test Circuit
RG
RL
VDD
–
+
VGS
DUT
VDS
Figure 2. Switching-Time Waveforms
td(on)
tr
VDS
td(off)
tf
VGS
90%
10%
0 V
– 10 V
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
Drain current
vs Drain-to-source voltage
3
Drain current
vs Gate-to-source voltage
4
Static drain-to-source on-state resistance
vs Drain current
5
Capacitance
vs Drain-to-source voltage
6
Static drain-to-source on-state resistance (normalized)
vs Junction temperature
7
Source-to-drain diode current
vs Source-to-drain voltage
8
Static drain-to-source on-state resistance
vs Gate-to-source voltage
9
Gate-to-source threshold voltage
vs Junction temperature
10
Gate-to-source voltage
vs Gate charge
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com