Electronic Components Datasheet Search
  English  ▼

X  

LT8625SP Datasheet(PDF) 32 Page - Analog Devices

Part # LT8625SP
Description  18V/8A Step-Down Silent Switcher 3 with Ultralow Noise Reference
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8625SP Datasheet(HTML) 32 Page - Analog Devices

Back Button LT8625SP Datasheet HTML 28Page - Analog Devices LT8625SP Datasheet HTML 29Page - Analog Devices LT8625SP Datasheet HTML 30Page - Analog Devices LT8625SP Datasheet HTML 31Page - Analog Devices LT8625SP Datasheet HTML 32Page - Analog Devices LT8625SP Datasheet HTML 33Page - Analog Devices LT8625SP Datasheet HTML 34Page - Analog Devices LT8625SP Datasheet HTML 35Page - Analog Devices LT8625SP Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
LT8625SP/LT8625SP-1
32
Rev. C
For more information www.analog.com
3.3V 8A 2MHz Step-Down Converter with Soft-Start, Fast Start-Up and Power Good
5V 8A 2MHz Step-Down Converter With Soft-Start, Fast Start-Up, Power Good and UVLO
22µF
47k
0.68µH
4.7µF
33.2k
4.7nF
1k
22µF
280k
49.9k
1µF
100k
22µF
1µF
PVIN
SVIN
EN/UVLO
SET
RT
GND
VC
PGFB
OUTS
SW
LT8625SP/
LT8625SP-1
VIN
3.8V TO 18V
VOUT
3.32V
8A
fsw = 2MHz
INTVCC
PG
×5
1206
X7R
TYPICAL CHARACTERISTIC
2MHz, 3.3VOUT NOISE DATA USES THIS CIRCUIT
8625sp1 TA07
PINS NOT USED IN THIS CIRCUIT:
BST, SYNC, PHMODE, CLKOUT
1206
X7R
50V
CSET: GRM31CR71H475MA12
2.2nF
2.2nF
22µF
47k
0.68µH
4.7µF
49.9k
3.6nF
2k
22µF
301k
33.2k
1µF
100k
22µF
1µF
332k
64.9k
PVIN
SVIN
EN/UVLO
SET
RT
GND
VC
PGFB
OUTS
SW
LT8625SP/
LT8625SP-1
VIN
5.5V TO 18V
VOUT
5V
8A
fSW = 2MHz
INTVCC
PG
×5
1206
X7R
7.75V TURN ON
7.5V TURN OFF
8625sp1 TA08
PINS NOT USED IN THIS CIRCUIT:
BST, SYNC, PHMODE, CLKOUT
1206
X7R
50V
CSET: GRM31CR71H475MA12
TYPICAL APPLICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com