Electronic Components Datasheet Search
  English  ▼

X  

LT8625SP Datasheet(PDF) 3 Page - Analog Devices

Part # LT8625SP
Description  18V/8A Step-Down Silent Switcher 3 with Ultralow Noise Reference
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8625SP Datasheet(HTML) 3 Page - Analog Devices

  LT8625SP Datasheet HTML 1Page - Analog Devices LT8625SP Datasheet HTML 2Page - Analog Devices LT8625SP Datasheet HTML 3Page - Analog Devices LT8625SP Datasheet HTML 4Page - Analog Devices LT8625SP Datasheet HTML 5Page - Analog Devices LT8625SP Datasheet HTML 6Page - Analog Devices LT8625SP Datasheet HTML 7Page - Analog Devices LT8625SP Datasheet HTML 8Page - Analog Devices LT8625SP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum PVIN
VSET = 1V
l
2.5
2.7
V
Minimum SVIN (Note 8)
VSET = 1V
l
2.5
2.7
V
SET Pin Current (ISET)
VSET = VOUTS = 1V
l
99.7
99.2
100
100
100.3
100.8
µA
µA
Fast Start-Up Set Pin Current
SVIN = 12V, VSET = 1V
2.2
2.7
3.2
mA
Start-Up Time (Notes 5, 11)
VOUT = 1V, CSET = 1μF, SVIN = 12V, VPGFB = 0.5
VOUT = 1V, CSET = 4.7μF, SVIN = 12V, VPGFB = 0.5
VOUT = 1V, CSET = 1μF, SVIN = 12V, RPGFB(TOP) = 49.9k, RPGFB(BOT) = 49.9k
VOUT = 1V, CSET = 4.7μF, SVIN = 12V, RPGFB(TOP) = 49.9k, RPGFB(BOT) = 49.9k
25
120
1
2.5
ms
ms
ms
ms
Output Noise Spectral Density (10kHz)
(Notes 5, 6, 7)
SVIN = 12V, VOUT = 1V, COUT = 22µF ×3, L = 180nH, RSET = 10kΩ, CSET = 4.7µF
fSW = 4MHz, RC = 4.99kΩ, CC = 1nF
4
nV/√Hz
Output RMS Noise (10Hz – 100kHz)
(Notes 5, 6, 7)
SVIN = 12V, VOUT = 1V, BW = 10Hz–100kHz, COUT = 22µF ×3, L = 180nH
RSET = 10kΩ, CSET = 4.7µF fSW = 4MHz, RC = 4.99kΩ, CC = 1nF
3.5
μVRMS
SVIN Quiescent Current
VEN/UVLO = 2V, Not Switching
VEN/UVLO = 0.2V, Shutdown
2.8
50
3.3
105
mA
µA
Oscillator Frequency
RT = 392k
RT = 47k
RT = 18k
l
l
l
270
1.93
3.75
300
2
4
330
2.07
4.25
kHz
MHz
MHz
PGFB Upper Threshold
VPGFB Rising
l
529
537.5
546
mV
PGFB Upper Threshold Hysteresis
5
mV
PGFB Lower Threshold
VPGFB Falling
l
455
462.5
470
mV
PGFB Lower Threshold Hysteresis
5
mV
PGFB Pin Current
SVIN = 6V, VEN/UVLO = 3V, VPGFB = 0.5V
25
nA
PG Leakage
VPG = 3.3V
–40
40
nA
PG Pull-Down Resistance
VPG = 0.5V
l
380
1200
Ω
SYNC Threshold
SYNC DC and Clock Low Level Voltage
SYNC DC and Clock High Level Voltage
0.7
1.5
V
V
OUTS Pin Output Current
VOUTS = 1V
80
160
240
nA
Output Voltage Line Regulation (Note 10) VSVIN = 4V to 18V
0.001 0.01
%/V
Error Amp Offset
(Notes 9, 10)
VC = 1.2V, VSET = 3V, SVIN = 6V, PNP-Based Input Pair
VC = 1.2V, VSET = 5V, SVIN = 5.5V, NPN-Based Input Pair
l
l
–2
–2
2
2
mV
mV
Error Amp Transconductance
(Note 9)
VC = 1.2V, VSET = 1V, SVIN = 6V, PNP-Based Input Pair
VC = 1.2V, VSET = 5V, SVIN = 5.5V, NPN-Based Input Pair
9.5
7.8
11.5
10
13.5
12.2
mS
mS
Error Amp Gain
VC = 1.2V, VSET = 1V, SVIN = 6V
2800
V/V
VC Source Current
(Note 9)
VC = 1.2V, VSET = 1V, VOUTS = 0V, SVIN = 6V, PNP-Based Input Pair
VC = 1.2V, VSET = 5V, VOUTS = 4.7V, SVIN = 5.5V, NPN-Based Input Pair
330
330
µA
µA
VC Sink Current
(Note 9)
VC = 1.2V, VSET = 1V, VOUTS = 2V, SVIN = 6V, PNP-Based Input Pair
VC = 1.2V, VSET = 5V, VOUTS = 5.3V, SVIN = 5.5V, NPN-Based Input Pair
330
330
µA
µA
VC Pin to Switch Current Gain
11.5
A/V
VC Clamp Voltage
2.2
V
SVIN Current Consumption
RT = 47k, fSW =2MHz, SVIN = 6V
11
mA
Minimum On-Time
ILOAD = 2A
l
15
20
ns
Minimum Off-Time
ILOAD = 2A
70
90
ns
Top Power N-Channel MOSFET
Current Limit
l
13.5
16
17.5
A
Bottom Power N-Channel MOSFET
Current Limit
9.25
11.5 13.75
A
SW Leakage Current
PVIN = 18V, VSW = 0V, 18V
–15
15
µA
LT8625SP/LT8625SP-1
3
Rev. C
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com