Electronic Components Datasheet Search
  English  ▼

X  

LT8625SP Datasheet(PDF) 21 Page - Analog Devices

Part # LT8625SP
Description  18V/8A Step-Down Silent Switcher 3 with Ultralow Noise Reference
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8625SP Datasheet(HTML) 21 Page - Analog Devices

Back Button LT8625SP Datasheet HTML 17Page - Analog Devices LT8625SP Datasheet HTML 18Page - Analog Devices LT8625SP Datasheet HTML 19Page - Analog Devices LT8625SP Datasheet HTML 20Page - Analog Devices LT8625SP Datasheet HTML 21Page - Analog Devices LT8625SP Datasheet HTML 22Page - Analog Devices LT8625SP Datasheet HTML 23Page - Analog Devices LT8625SP Datasheet HTML 24Page - Analog Devices LT8625SP Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
LT8625SP/LT8625SP-1
21
Rev. C
For more information www.analog.com
Input Capacitors
The PVIN of the LT8625SP/LT8625SP-1 should be
bypassed with at least three ceramic capacitors for best
performance. Two small ceramic capacitors can be placed
close to the part (COPT1, COPT2). These capacitors should
be 0402 or 0603 in size.
Note that larger input capacitance is required when a lower
switching frequency is used. If the input power source has
high impedance, or there is significant inductance due to
long wires or cables, additional bulk capacitance may be
necessary. This can be provided with a low performance
electrolytic capacitor.
A ceramic input capacitor combined with trace or cable
inductance forms a high quality (under damped) tank cir-
cuit. If the LT8625SP/LT8625SP-1 is plugged into a live
supply, the input voltage can ring to twice its nominal
value, possibly exceeding the LT8625SP/LT8625SP-1’s
voltage rating. This situation is easily avoided (see Analog
Device’s Application Note 88). When SVIN and PVIN are
powered from the same supply, a small RC filter (e.g.,
10Ω and 1µF) from the supply to SVIN can be added for
particularly noise sensitive applications. If SVIN and PVIN
are powered from independent supplies, SVIN should also
be bypassed with a single small ceramic capacitor of at
least 1µF placed as close to the pin as possible.
Output Capacitor and Output Ripple
The output capacitor has two essential functions. Along
with the inductor, it filters the square wave generated by
the LT8625SP/LT8625SP-1 to produce the DC output. In
this role it determines the output ripple, thus low imped-
ance at the switching frequency is important. The second
function is to store energy in order to satisfy transient
loads and stabilize the LT8625SP/LT8625SP-1’s con-
trol loop. Ceramic capacitors have very low equivalent
series resistance (ESR) and provide the best ripple
performance. For good starting values, see the Typical
Applications section.
Use X5R or X7R types. This choice will provide low output
ripple and good transient response. Transient performance
can be improved with a higher value output capacitor.
Increasing the output capacitance will also decrease the
output voltage ripple. A lower value of output capacitor
can be used to save space and cost, but transient per-
formance will suffer and may cause loop instability. See
the Typical Applications in this data sheet for suggested
capacitor values.
When choosing a capacitor, special attention should be
given to the data sheet to calculate the effective capaci-
tance under the relevant operating conditions of voltage
bias and temperature. A physically larger capacitor or one
with a higher voltage rating may be required.
The LT8625SP/LT8625SP-1 will typically be operated
at a switching frequency of 2MHz. Table 2 shows some
examples of output capacitors with ideal frequency char-
acteristics for when operating at switching frequencies
around 2MHz. Figure 6 shows the frequency character-
istics of these capacitors; it can be seen that a combi-
nation of these capacitors will minimize the impedance
at the switching frequency on the output and keep the
impedance low enough to suppress any higher frequency
harmonics near the switching frequency, thus achieving
the lowest output ripple.
Table 2. Examples of Output Capacitors with Desirable
Frequency Characteristics for 2MHz Operation
PART DESCRIPTION
MANUFACTURER/PART NUMBER
22µF, X7R, 10V, 20% 1206
MURATA, GRM31CR71A226ME15
10µF, X7R, 25V, 10% 1206
MURATA, GRM31CR71E106KA12
4.7µF, X7S, 16V, 10% 0603
MURATA, GRM188C71C475KE21
GRM31CR71A226ME15K (22µF)
GRM31CR71E106KA12 (10µF)
GRM188C71C475KE21 (4.7µF)
FREQUENCY (Hz)
100
1k
10k
100k
1M
10M 100M
1m
10m
100m
1
10
100
1k
10k
8625sp1 F06
Figure 6. Frequency Characteristics of Example
Output Capacitors for 2MHz operation
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com