Electronic Components Datasheet Search
  English  ▼

X  

LT8625SP Datasheet(PDF) 2 Page - Analog Devices

Part # LT8625SP
Description  18V/8A Step-Down Silent Switcher 3 with Ultralow Noise Reference
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8625SP Datasheet(HTML) 2 Page - Analog Devices

  LT8625SP Datasheet HTML 1Page - Analog Devices LT8625SP Datasheet HTML 2Page - Analog Devices LT8625SP Datasheet HTML 3Page - Analog Devices LT8625SP Datasheet HTML 4Page - Analog Devices LT8625SP Datasheet HTML 5Page - Analog Devices LT8625SP Datasheet HTML 6Page - Analog Devices LT8625SP Datasheet HTML 7Page - Analog Devices LT8625SP Datasheet HTML 8Page - Analog Devices LT8625SP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
TAPE AND REEL (MINI)
TAPE AND REEL
PAD OR
BALL
FINISH
PART MARKING*
PACKAGE
TYPE**
MSL
RATING
TEMPERATURE
RANGE (SEE
NOTE 2)
DEVICE
FINISH CODE
LT8625SPJV#TRMPBF
LT8625SPJV#TRPBF
Au (RoHS)
HNX
e4
LQFN (Laminate Package
with QFN Footprint)
3
–40°C to 150°C
LT8625SPJV-1#TRMPBF LT8625SPJV-1#TRPBF
HPC
• Contact the factory for parts specified with wider operating temperature ranges. *Pad or
ball finish code is per IPC/JEDEC J-STD-609.
• *The temperature grade is identified by a label on the shipping container.
• Recommended LGA and BGA PCB Assembly and
Manufacturing Procedures
• LGA and BGA Package and Tray Drawings
Tape and reel specifications. Some packages are available in 500 unit reels through designated sales channels with #TRMPBF suffix.
Parts ending with PBF are RoHS and WEEE compliant. **The LT8625SP package has the same dimensions as a standard 4mm × 3mm QFN package. The
LT8625SP-1 package has the same dimensions as a standard 4mm × 4mm QFN package.
For more information on lead free part marking, go to: http://www.adi.com/leadfree/
For more information on tape and reel specifications, go to: http://www.adi.com/tapeandreel/
LT8625SP/LT8625SP-1
2
Rev. C
For more information www.analog.com
ABSOLUTE MAXIMUM RATINGS
PVIN, SVIN, EN/UVLO, PG .........................................18V
SYNC, OUTS, SET, PGFB.............................................6V
PHMODE.....................................................................4V
Operating Junction Temperature (Note 2)
LT8625SPJ ........................................ –40°C to 150°C
LT8625SPJ-1 ..................................... –40°C to 150°C
Storage Temperature Range .................. –65°C to 150°C
Peak Package Body Temperature..........................260°C
(Note 1)
ORDER INFORMATION
PIN CONFIGURATION
LT8625SP
LT8625SP-1
17
20
10
7
19
8
18
9
1
22
25
6
16
21
GND
24
23
11
5
12
4
13
3
14
2
SW
PVIN
PVIN
GND
GND
NC
15
PG
SET
VC
OUTS
PGFB
RT
TOP VIEW
LQFN PACKAGE
20-LEAD (4mm × 3mm × 0.95mm)
JEDEC BOARD θJA = 45°C/W, θJC(top) = 4.0°C/W, θJC(pad) = 12.1°C/W (NOTE 3),
DEMO BOARD: θJA = 29°C/W, ΨJT = 1.7°C/W
EXPOSED PAD (PIN 21) IS GND, SHOULD BE SOLDERED TO PCB.
EXPOSED PAD AT TOP OF PACKAGE CAN OPTIONALLY BE ATTACHED
TO HEAT SINK FOR IMPROVED THERMAL PERFORMANCE
19
24
25
GND
26
GND
27
GND
28
GND
29
30
31
32
12
20
11
21
10
22
9
23
8
7
1
6
18
13
5
14
4
15
3
16
2
PG
SET
VC
OUTS
PGFB
RT
17
SW
PVIN
PVIN
GND
GND
SW
TOP VIEW
LQFN PACKAGE
24-LEAD (4mm × 4mm × 0.95mm)
JEDEC BOARD θJA = 41°C/W, θJC(top) = 4.1°C/W, θJC(pad) = 11.4°C/W (NOTE 3)
DEMO BOARD: θJA = 29°C/W, ΨJT = 1.7°C/W
EXPOSED PAD (PINS 25 – 28) ARE GND, SHOULD BE SOLDERED TO PCB.
EXPOSED PAD AT TOP OF PACKAGE CAN OPTIONALLY BE ATTACHED
TO HEAT SINK FOR IMPROVED THERMAL PERFORMANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com