Electronic Components Datasheet Search
  English  ▼

X  

LTC4381 Datasheet(PDF) 13 Page - Analog Devices

Part # LTC4381
Description  Low Quiescent Current eFuse with Surge Protection
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4381 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTC4381 Datasheet HTML 9Page - Analog Devices LTC4381 Datasheet HTML 10Page - Analog Devices LTC4381 Datasheet HTML 11Page - Analog Devices LTC4381 Datasheet HTML 12Page - Analog Devices LTC4381 Datasheet HTML 13Page - Analog Devices LTC4381 Datasheet HTML 14Page - Analog Devices LTC4381 Datasheet HTML 15Page - Analog Devices LTC4381 Datasheet HTML 16Page - Analog Devices LTC4381 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
LTC4381
13
Rev. B
For more information www.analog.com
APPLICATIONS INFORMATION
Fault Timer Overview
Overvoltage and overcurrent conditions, and high VDS
conditions in MOSFET are limited in duration by an adjust-
able fault timer. A capacitor at the TMR pin (CTMR) sets
the delay time before a fault condition is reported at the
FLT pin and MOSFET is turned off. CTMR also sets the cool
down time before MOSFET is permitted to turn back on
for the LTC4381-2 and LTC4381-4 auto retry versions.
The LTC4381-1 and LTC4381-3 versions simply latch off
at the end of the timer delay. A 10V or higher rated X7R
capacitor is recommended for CTMR to minimize tempera-
ture and voltage sensitivity.
Fault timing starts as soon as the input power is applied
with the part in the on condition, or when the part turns
on after application of power. A 1.5µA current is gener-
ated to pull up the TMR pin when the voltage across the
MOSFET is higher than 0.7V. The timer speeds up with
an additional current that varies with the power dissipated
in the MOSFET. The power dissipation is the product of
the voltage across the MOSFET (VDS) and the current
flowing through it (ID). VDS is inferred from the voltage
drop across the drain pin resistor, RDRN, while ∆VSNS rep-
resents ID.
At initial power-up, the 1.5µA pilot current charges the
TMR pin capacitor because the input supply is, at least
for a short time, more than 0.7V above the output voltage.
When the output rises to within 0.7V of the input supply
voltage, the pull-up current disappears and an internal
2µA current source discharges the TMR pin capacitor. The
capacitor must be sized to ride through the initial start-up
interval for successful power-up.
In the presence of a sustained fault, the timer current
charges the TMR pin to 1.215V. At this point, the FLT pin
pulls low to indicate a fault condition and the GATE pin
pulls low, shutting off the MOSFET. After faulting off, the
timer enters the cool down phase. At the end of the cool
down period, the LTC4381-1/LTC4381-3 remain off until
manually reset, while the LTC4381-2/LTC4381-4 auto-
matically restart.
Fault Timer Operation in Overvoltage or Large VDS
During start-up or an overvoltage condition, where the
MOSFET’s VDS exceeds 0.7V, the TMR pin charges from
0V to 1.215V with a current that varies principally as a
function of VDS and ID. VDS is inferred from the current
flowing in the DRN pin resistor, RDRN, while the voltage
difference between the SNS and OUT pins (∆VSNS) rep-
resents the MOSFET current, ID.
The TMR pin current is given by Equation 2.
ITMR(OV)= 0.0917
A
V
• ∆VSNS • IDRN 70µA (2)
where 0.0917√A/V is the gain term of the multiplier. If
IDRN is less than 70µA (for example during start-up), use
ITMR of 1.5µA.
Substituting for ∆VSNS and IDRN is given by Equation 3.
ITMR(OV)= 0.0917
A
V
• ID•RSNS •
VDS
RDRN
70µA (3)
If IDRN is less than 70µA (for example during start-up),
use ITMR of 1.5µA.
When TMR reaches 1.215V, the FLT pin pulls low and the
MOSFET is turned off and allowed to cool for an extended
period. The total elapsed time between the onset of output
clamping and turning off is given by Equation 4.
tTMR = VTMR •
CTMR
ITMR
(4)
Because ITMR is a function of VDS and ID, the exact time
spent in overvoltage before turning off depends upon the
input waveform and the load current.
Figure 1. 12V/1A, Output Limited to 28.5V
RSNS
40m
R2
33
R1
10k
RDRN
100k
R3
10
C1
4.7µF
CTMR
220nF
C2
47nF
COUT
22µF
D1
68V
IN
DRN
ON
VCC
SEL
GND
4381 F01
TMR
SRC
SNS
OUT
LTC4381-2
GATE
GFET
CMHZ5266B
12V/1A OUTPUT
CLAMPED
AT 28.5V
VIN
12V
FLT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com