Electronic Components Datasheet Search
  English  ▼

X  

LTC4381 Datasheet(PDF) 20 Page - Analog Devices

Part # LTC4381
Description  Low Quiescent Current eFuse with Surge Protection
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4381 Datasheet(HTML) 20 Page - Analog Devices

Back Button LTC4381 Datasheet HTML 16Page - Analog Devices LTC4381 Datasheet HTML 17Page - Analog Devices LTC4381 Datasheet HTML 18Page - Analog Devices LTC4381 Datasheet HTML 19Page - Analog Devices LTC4381 Datasheet HTML 20Page - Analog Devices LTC4381 Datasheet HTML 21Page - Analog Devices LTC4381 Datasheet HTML 22Page - Analog Devices LTC4381 Datasheet HTML 23Page - Analog Devices LTC4381 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
LTC4381
20
Rev. B
For more information www.analog.com
APPLICATIONS INFORMATION
Design Example 2
A second design example has the following specifications:
VIN = 24VDC with a transient of 100V peak and a duration of
400ms like a load dump waveform, VOUT ≤ 60V, load of 1A.
There are a few methods to clamp VOUT to less than 60V,
we can use the LTC4381-2 by connecting SEL pin to IN to
clamp VOUT to 47V. Or we can use a LTC4381-4 and clamp
VCC to <50V. A third method is to regulate VOUT directly
using a 56V Zener and NPN as shown in Figure 7. This
method gives a slightly tighter VOUT clamp at an expense
of more external components.
Since IN can go as high as 100V, a clamp at VCC pin is
needed to limit it to <80V. Use Zener CMZ5945B as D1
which limits VCC to <68V.
The maximum current through R1 into D1 during tran-
sients is then calculated by Equation 28.
ID1 =
100V – 68V
100k
= 0.32mA
(28)
Power dissipated in D1 is 22mW.
RDRN is chosen to produce a current into the DRN pin of
less than 1mA, during the maximum overvoltage transient
event (Equation 29).
RDRN =
100V – 24V
1mA
= 76kΩ
(29)
100kΩ is chosen to give enough margin.
The MOSFET stress can be calculated using the prototyp-
ical transient waveform shown in Figure 3 using tr = 5ms,
VPK = 100V and τ = 200ms (Equation 30).
a
= VREG – VIN = 56.7V − 24V = 32.7V
b
= VPK – VIN = 100V − 24V = 76V
P t
= ILOAD
1
3
tr
(b
− a)3
b
+
1
2
τ 2a2In
b
a
+ 3a2 + b2 − 4ab
⎛
⎝⎜
⎞
⎠⎟
⎡
⎣
⎢
⎢
⎢
⎢
⎤
⎦
⎥
⎥
⎥
⎥
1/2
P t = 9.3W s
(30)
This is within the LTC4381 SOA limit of 10W√s.
Next calculate the sense resistor (RSNS) value with a current
limit of greater than 1A with 20% tolerance (Equation 31).
RSNS =
50mV
ILIM
=
50mV
1.2A
= 41.67mΩ
(31)
We will use 40mΩ, which gives a current limit of 1.25A.
The load dump waveform can be represented as an
exponentially decaying waveform with a time constant of
0.2sec (Equation 32).
VIN = 100V
e t/0.2s
(32)
The LTC4381 clamps the VOUT at 56.7V, (56V from D2
and 0.7V from VBE of Q2) which means that VDS and ITMR
drops to zero when VIN drops to 56.7V. To find the time t
when this happen, we use Equation 33.
t= 0.2s •In
56.7V
100V
= 0.113s
(33)
VDS can be approximated as a triangular waveform with
a peak of 100V – 56.7V or 43.3V and a time base of
0.113sec. We take half of the peak, 21.65V to calculate
the ITMR (Equation 34).
ITMR(OV) = 0.0917
A
V
• ID •RSNS •
VDS
RDRN
70µA
ITMR(OV) = 0.0917
A
V
• 1A •0.04 •
21.65V
100k
70µA
ITMR(OV) = 44µA
CTMR =
t • ITMR
VTMR
CTMR =
0.113s• 44µA
1.215V
CTMR = 4.1µF
(34)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com