Electronic Components Datasheet Search
  English  ▼

X  

LTC4381 Datasheet(PDF) 21 Page - Analog Devices

Part # LTC4381
Description  Low Quiescent Current eFuse with Surge Protection
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4381 Datasheet(HTML) 21 Page - Analog Devices

Back Button LTC4381 Datasheet HTML 17Page - Analog Devices LTC4381 Datasheet HTML 18Page - Analog Devices LTC4381 Datasheet HTML 19Page - Analog Devices LTC4381 Datasheet HTML 20Page - Analog Devices LTC4381 Datasheet HTML 21Page - Analog Devices LTC4381 Datasheet HTML 22Page - Analog Devices LTC4381 Datasheet HTML 23Page - Analog Devices LTC4381 Datasheet HTML 24Page - Analog Devices LTC4381 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
LTC4381
21
Rev. B
For more information www.analog.com
APPLICATIONS INFORMATION
We shall use a 4.7μF capacitor for more margin. Next, we
need to make sure that the chosen CTMR allow enough
time to power up the output (Equation 35).
CTMR =
ITMR(UP) • tINRUSH
VTMR
tINRUSH =
VIN •COUT
IINRUSH
=
VIN •C2
IGATE(UP)
=
24V • 47nF
20µA
= 56.4ms
ITMR(UP) ≈1.5µA at power up:
VTMR =
1.5µA •56.4ms
4.7µF
≈18mV
(35)
Next, we need to check to makes sure that in the case of
a severe output short where VOUT = 0V, the power dis-
sipation in the MOSFET is also within the safe operating
area (Equation 36a & 36b).
ITMR(SC)= 0.0917 • (62mV)
•
24V
100k
70 • 10–6 + 24 • 10–6
ITMR(SC)= 98.1µA
(36a)
VTMR =
4.7µF • 1.215V
98.1µA
= 58.2ms
(36b)
The power dissipation in MOSFET is given by Equation 37.
P = 24V •
62mV
40mΩ
= 37.2W
P t
= 8.97W s
(37)
During an output overload or soft short, the voltage at the
OUT pin could stay at 3V or higher. The total overcurrent
fault time when VOUT = 3V is given by Equation 38a & 38b.
ITMR(OC)= 0.0917 • (50mV)
•
21V
100k
70 • 10–6 + 6 • 10–6
ITMR(OC)= 60.3µA
(38a)
tTMR = 4.7µF •
1.215V
60.3µA
= 94.7ms
(38b)
The power dissipation in MOSFET is given by Equation 39.
P = (24V – 3) •
50mV
40mΩ
= 26.25W
P t
= 8.08W s
(39)
These conditions are within the safe operating area of
the MOSFET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com