Electronic Components Datasheet Search
  English  ▼

X  

LTC4381 Datasheet(PDF) 24 Page - Analog Devices

Part # LTC4381
Description  Low Quiescent Current eFuse with Surge Protection
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4381 Datasheet(HTML) 24 Page - Analog Devices

Back Button LTC4381 Datasheet HTML 18Page - Analog Devices LTC4381 Datasheet HTML 19Page - Analog Devices LTC4381 Datasheet HTML 20Page - Analog Devices LTC4381 Datasheet HTML 21Page - Analog Devices LTC4381 Datasheet HTML 22Page - Analog Devices LTC4381 Datasheet HTML 23Page - Analog Devices LTC4381 Datasheet HTML 24Page - Analog Devices LTC4381 Datasheet HTML 25Page - Analog Devices LTC4381 Datasheet HTML 26Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
LTC4381
24
Rev. B
For more information www.analog.com
PACKAGE DESCRIPTION
5.00 ±0.10
NOTE:
1. DRAWING CONFORMS TO JEDEC PACKAGE
OUTLINE M0-220 VARIATION WHKD
2. DRAWING NOT TO SCALE
3. ALL DIMENSIONS ARE IN MILLIMETERS
PIN 1
TOP MARK
(SEE NOTE 6)
2
1
31
32
BOTTOM VIEW—EXPOSED PAD
6.30 ±0.10
7.00 ±0.10
0.75 ± 0.05
R = 0.125
TYP
0.00 – 0.05
0.17 ±0.05
(DKE32) QFN 0819 REV A
0.40 BSC
0.200 REF
6.0 REF
RECOMMENDED SOLDER PAD LAYOUT
APPLY SOLDER MASK TO AREAS THAT ARE NOT SOLDERED
0.75 REF
0.51 REF
0.40 ±0.10
0.70 ±0.05
0.40 BSC
6.00 REF
4.10 ±0.05
5.50 ±0.05
0.17 ±0.05
6.30 ±0.05
2.94 ±0.05
PACKAGE
OUTLINE
4. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE
MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.20mm ON ANY SIDE
5. EXPOSED PAD SHALL BE SOLDER PLATED
6. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION
ON THE TOP AND BOTTOM OF PACKAGE
PIN 1 NOTCH
R = 0.30 TYP OR
0.35 × 45° CHAMFER
DKE Package
32-Lead Plastic DFN (7mm × 5mm)
(Reference LTC DWG # 05-08-1789 Rev A)
2.94 ±0.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com