Electronic Components Datasheet Search
  English  ▼

X  

ADS7842EB Datasheet(PDF) 20 Page - Texas Instruments

Part # ADS7842EB
Description  12-Bit, 4-Channel Parallel Output Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS7842EB Datasheet(HTML) 20 Page - Texas Instruments

Back Button ADS7842EB Datasheet HTML 15Page - Texas Instruments ADS7842EB Datasheet HTML 16Page - Texas Instruments ADS7842EB Datasheet HTML 17Page - Texas Instruments ADS7842EB Datasheet HTML 18Page - Texas Instruments ADS7842EB Datasheet HTML 19Page - Texas Instruments ADS7842EB Datasheet HTML 20Page - Texas Instruments ADS7842EB Datasheet HTML 21Page - Texas Instruments ADS7842EB Datasheet HTML 22Page - Texas Instruments ADS7842EB Datasheet HTML 23Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
www.ti.com
PACKAGE OUTLINE
C
26X 0.65
2X
8.45
28X
0.38
0.22
8.2
7.4
TYP
SEATING
PLANE
0.05 MIN
0.25
GAGE PLANE
0 -8
2 MAX
B
5.6
5.0
NOTE 4
A
10.5
9.9
NOTE 3
0.95
0.55
(0.15) TYP
SSOP - 2 mm max height
DB0028A
SMALL OUTLINE PACKAGE
4214853/B 03/2018
1
14
15
28
0.15
C A B
PIN 1 INDEX AREA
SEE DETAIL A
0.1 C
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. This dimension does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, or gate burrs shall not
exceed 0.15 mm per side.
4. This dimension does not include interlead flash. Interlead flash shall not exceed 0.25 mm per side.
5. Reference JEDEC registration MO-150.
A 15
DETAIL A
TYPICAL
SCALE 1.500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com