Electronic Components Datasheet Search
  English  ▼

X  

ADS7842EB Datasheet(PDF) 5 Page - Texas Instruments

Part # ADS7842EB
Description  12-Bit, 4-Channel Parallel Output Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS7842EB Datasheet(HTML) 5 Page - Texas Instruments

  ADS7842EB Datasheet HTML 1Page - Texas Instruments ADS7842EB Datasheet HTML 2Page - Texas Instruments ADS7842EB Datasheet HTML 3Page - Texas Instruments ADS7842EB Datasheet HTML 4Page - Texas Instruments ADS7842EB Datasheet HTML 5Page - Texas Instruments ADS7842EB Datasheet HTML 6Page - Texas Instruments ADS7842EB Datasheet HTML 7Page - Texas Instruments ADS7842EB Datasheet HTML 8Page - Texas Instruments ADS7842EB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
ADS7842
SBAS103C
5
www.ti.com
TYPICAL CHARACTERISTICS: +5V
At TA = +25°C, +VCC = +5V, VREF = +5V, fSAMPLE = 200kHz, and fCLK = 16 • fSAMPLE = 3.2MHz, unless otherwise noted.
0
–20
–40
–60
–80
–100
–120
FREQUENCY SPECTRUM
(4096 Point FFT; f
IN = 1,123Hz, –0.2dB)
0
100
25
75
50
Frequency (kHz)
0
–20
–40
–60
–80
–100
–120
FREQUENCY SPECTRUM
(4096 Point FFT; f
IN = 10.3kHz, –0.2dB)
0
100
25
75
50
Frequency (kHz)
SIGNAL-TO-NOISE RATIO AND SIGNAL-TO-
(NOISE + DISTORTION) vs INPUT FREQUENCY
10
1
100
Input Frequency (kHz)
74
73
72
71
70
69
68
SINAD
SNR
SPURIOUS-FREE DYNAMIC RANGE AND TOTAL
HARMONIC DISTORTION vs INPUT FREQUENCY
10
1100
Input Frequency (kHz)
85
80
75
70
65
–85
–80
–75
–70
–65
THD
SFDR
12.0
11.8
11.6
11.4
11.2
11.0
EFFECTIVE NUMBER OF BITS
vs INPUT FREQUENCY
10
1
100
Input Frequency (kHz)
CHANGE IN SIGNAL-TO-(NOISE + DISTORTION)
vs TEMPERATURE
–20
–40
100
Temperature (
°C)
0.4
0.2
0.0
–0.2
–0.4
–0.6
0.6
0
20
40
60
80
f
IN = 10kHz, –0.2dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com