Electronic Components Datasheet Search
  English  ▼

X  

ADS7842EB Datasheet(PDF) 1 Page - Texas Instruments

Part # ADS7842EB
Description  12-Bit, 4-Channel Parallel Output Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS7842EB Datasheet(HTML) 1 Page - Texas Instruments

  ADS7842EB Datasheet HTML 1Page - Texas Instruments ADS7842EB Datasheet HTML 2Page - Texas Instruments ADS7842EB Datasheet HTML 3Page - Texas Instruments ADS7842EB Datasheet HTML 4Page - Texas Instruments ADS7842EB Datasheet HTML 5Page - Texas Instruments ADS7842EB Datasheet HTML 6Page - Texas Instruments ADS7842EB Datasheet HTML 7Page - Texas Instruments ADS7842EB Datasheet HTML 8Page - Texas Instruments ADS7842EB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
12-Bit, 4-Channel Parallel Output Sampling
ANALOG-TO-DIGITAL CONVERTER
FEATURES
q SINGLE SUPPLY: 2.7V to 5V
q 4-CHANNEL INPUT MULTIPLEXER
q UP TO 200kHz SAMPLING RATE
q FULL 12-BIT PARALLEL INTERFACE
q
±1LSB INL AND DNL
q NO MISSING CODES
q 72dB SINAD
q LOW POWER: 2mW
q SSOP-28 PACKAGE
DESCRIPTION
The ADS7842 is a complete, 4-channel, 12-bit Analog-to-
Digital Converter (ADC). It contains a 12-bit, capacitor-
based, Successive Approximation Register (SAR) ADC with
a sample-and-hold amplifier, interface for microprocessor
use, and parallel, 3-state output drivers. The ADS7842 is
specified at a 200kHz sampling rate while dissipating only
2mW of power. The reference voltage can be varied from
100mV to VCC with a corresponding LSB resolution from
24
µV to 1.22mV. The ADS7842 is tested down to 2.7V
operation.
Low power, high speed, and an onboard multiplexer make
the ADS7842 ideal for battery-operated systems such as
portable, multi-channel dataloggers and measurement equip-
ment. The ADS7842 is available in an SSOP-28 package
and is tested over the –40
°C to +85°C temperature range.
APPLICATIONS
q DATA ACQUISITION
q TEST AND MEASUREMENT
q INDUSTRIAL PROCESS CONTROL
q MEDICAL INSTRUMENTS
q LABORATORY EQUIPMENT
ADS7
842
SAR
Output
Latches
and
3-State
Drivers
3-State
Parallel
Data Bus
Comparator
ADS7842
CS
WR
BUSY
CLK
RD
CDAC
V
REF
4-Channel
MUX
AIN2
AIN1
AIN0
A0
A1
AIN3
ADS7842
SBAS103C – SEPTEMBER 2000 – REVISED OCTOBER 2006
www.ti.com
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 2000-2006, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.


Similar Part No. - ADS7842EB

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7842EB BURR-BROWN-ADS7842EB Datasheet
139Kb / 13P
12-Bit, 4-Channel Parallel Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7842EB TI1-ADS7842EB Datasheet
851Kb / 20P
ANALOG-TO-DIGITAL CONVERTER
ADS7842EB/1K TI1-ADS7842EB/1K Datasheet
851Kb / 20P
ANALOG-TO-DIGITAL CONVERTER
ADS7842EB/1KG4 TI1-ADS7842EB/1KG4 Datasheet
851Kb / 20P
ANALOG-TO-DIGITAL CONVERTER
ADS7842EBG4 TI1-ADS7842EBG4 Datasheet
851Kb / 20P
ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS7842EB

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7841 BURR-BROWN-ADS7841 Datasheet
277Kb / 14P
12-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7842 BURR-BROWN-ADS7842 Datasheet
139Kb / 13P
12-Bit, 4-Channel Parallel Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7852 BURR-BROWN-ADS7852 Datasheet
148Kb / 13P
12-Bit, 8-Channel, Parallel Output ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7841-Q1 TI1-ADS7841-Q1 Datasheet
674Kb / 24P
12-BIT 4-CHANNEL SERIAL-OUTPUT SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS7841EG4 TI-ADS7841EG4 Datasheet
476Kb / 19P
12-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7844 TI1-ADS7844_14 Datasheet
770Kb / 23P
12-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7841 TI1-ADS7841_14 Datasheet
492Kb / 20P
12-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7852 TI1-ADS7852_14 Datasheet
387Kb / 19P
12-Bit, 8-Channel, Parallel Output ANALOG-TO-DIGITAL CONVERTER
ADS7842 TI1-ADS7842_14 Datasheet
849Kb / 21P
12-Bit, 4-Channel Parallel Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7852 TI1-ADS7852 Datasheet
379Kb / 18P
12-Bit, 8-Channel, Parallel Output ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com