Electronic Components Datasheet Search
  English  ▼

X  

ADS7842EB Datasheet(PDF) 7 Page - Texas Instruments

Part # ADS7842EB
Description  12-Bit, 4-Channel Parallel Output Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS7842EB Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS7842EB Datasheet HTML 3Page - Texas Instruments ADS7842EB Datasheet HTML 4Page - Texas Instruments ADS7842EB Datasheet HTML 5Page - Texas Instruments ADS7842EB Datasheet HTML 6Page - Texas Instruments ADS7842EB Datasheet HTML 7Page - Texas Instruments ADS7842EB Datasheet HTML 8Page - Texas Instruments ADS7842EB Datasheet HTML 9Page - Texas Instruments ADS7842EB Datasheet HTML 10Page - Texas Instruments ADS7842EB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
ADS7842
SBAS103C
7
www.ti.com
TYPICAL CHARACTERISTICS: +2.7V (Continued)
At TA = +25°C, +VCC = +2.7V, VREF = +2.5V, fSAMPLE = 125kHz, and fCLK = 16 • fSAMPLE = 2MHz, unless otherwise noted.
Output Code
1.00
0.75
0.50
0.25
0.00
–0.25
–0.50
–0.75
–1.00
INTEGRAL LINEARITY ERROR vs CODE
800
H
FFF
H
000
H
Output Code
1.00
0.75
0.50
0.25
0.00
–0.25
–0.50
–0.75
–1.00
DIFFERENTIAL LINEARITY ERROR vs CODE
800
H
FFF
H
000
H
SUPPLY CURRENT vs TEMPERATURE
20
–40
100
–20
0
40
Temperature (
°C)
400
350
300
250
200
150
100
60
80
POWER-DOWN SUPPLY CURRENT
vs TEMPERATURE
20
–40
100
–20
0
40
Temperature (
°C)
140
120
100
80
60
40
20
60
80
CHANGE IN GAIN vs TEMPERATURE
20
–40
100
–20
0
40
Temperature (
°C)
0.15
0.10
0.05
0.00
–0.05
–0.10
–0.15
60
80
CHANGE IN OFFSET vs TEMPERATURE
20
–40
100
–20
0
40
Temperature (
°C)
0.6
0.4
0.2
0.0
–0.2
–0.4
–0.6
60
80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com