Electronic Components Datasheet Search
  English  ▼

X  

ADS7841ES/2K5 Datasheet(PDF) 13 Page - Texas Instruments

Part # ADS7841ES/2K5
Description  12-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS7841ES/2K5 Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADS7841ES/2K5 Datasheet HTML 9Page - Texas Instruments ADS7841ES/2K5 Datasheet HTML 10Page - Texas Instruments ADS7841ES/2K5 Datasheet HTML 11Page - Texas Instruments ADS7841ES/2K5 Datasheet HTML 12Page - Texas Instruments ADS7841ES/2K5 Datasheet HTML 13Page - Texas Instruments ADS7841ES/2K5 Datasheet HTML 14Page - Texas Instruments ADS7841ES/2K5 Datasheet HTML 15Page - Texas Instruments ADS7841ES/2K5 Datasheet HTML 16Page - Texas Instruments ADS7841ES/2K5 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
ADS7841
13
SBAS084B
Data Format
The ADS7841 output data is in straight binary format, as
shown in Figure 7. This figure shows the ideal output code
for the given input voltage and does not include the effects
of offset, gain, or noise.
0V
FS = Full-Scale Voltage = V
REF
1LSB = V
REF/4096
FS – 1LSB
11...111
11...110
11...101
00...010
00...001
00...000
1LSB
Note 1: Voltage at converter input, after
multiplexer: +IN – (–IN). See Figure 2.
Input Voltage(1) (V)
FIGURE 7. Ideal Input Voltages and Output Codes.
8-Bit Conversion
The ADS7841 provides an 8-bit conversion mode that can
be used when faster throughput is needed and the digital
result is not as critical. By switching to the 8-bit mode, a
conversion is complete four clock cycles earlier. This could
be used in conjunction with serial interfaces that provide a
12-bit transfer or two conversions could be accomplished
with three 8-bit transfers. Not only does this shorten each
conversion by four bits (25% faster throughput), but each
conversion can actually occur at a faster clock rate. This is
because the internal settling time of the ADS7841 is not as
critical, settling to better than 8 bits is all that is needed. The
clock rate can be as much as 50% faster. The faster clock
rate and fewer clock cycles combine to provide a 2x increase
in conversion rate.
POWER DISSIPATION
There are three power modes for the ADS7841: full power
(PD1 - PD0 = 11B), auto power-down (PD1 - PD0 = 00B),
and shutdown (SHDN LOW). The affects of these modes
varies depending on how the ADS7841 is being operated. For
example, at full conversion rate and 16 clocks per conver-
sion, there is very little difference between full power mode
and auto power-down. Likewise, if the device has entered
auto power-down, a shutdown (SHDN LOW) will not lower
power dissipation.
When operating at full-speed and 16-clocks per conversion
(see Figure 4), the ADS7841 spends most of its time acquir-
ing or converting. There is little time for auto power-down,
assuming that this mode is active. Thus, the difference
between full power mode and auto power-down is negli-
gible. If the conversion rate is decreased by simply slowing
the frequency of the DCLK input, the two modes remain
approximately equal. However, if the DCLK frequency is
kept at the maximum rate during a conversion, but conver-
sion are simply done less often, then the difference between
the two modes is dramatic. Figure 8 shows the difference
between reducing the DCLK frequency (“scaling” DCLK to
match the conversion rate) or maintaining DCLK at the
highest frequency and reducing the number of conversion
per second. In the later case, the converter spends an increas-
ing percentage of its time in power-down mode (assuming
the auto power-down mode is active).
If DCLK is active and CS is LOW while the ADS7841 is in
auto power-down mode, the device will continue to dissipate
some power in the digital logic. The power can be reduced
to a minimum by keeping CS HIGH. The differences in
supply current for these two cases are shown in Figure 9.
Operating the ADS7841 in auto power-down mode will
result in the lowest power dissipation, and there is no
conversion time “penalty” on power-up. The very first
conversion will be valid. SHDN can be used to force an
immediate power-down.
FIGURE 8. Supply Current vs Directly Scaling the Fre-
quency of DCLK with Sample Rate or Keeping
DCLK at the Maximum Possible Frequency.
10k
100k
1k
1M
f
SAMPLE (Hz)
100
10
1
1000
f
CLK = 2MHz
f
CLK = 16 • fSAMPLE
T
A = 25°C
+V
CC = +2.7V
V
REF = +2.5V
PD1 = PD0 = 0
FIGURE 9. Supply Current vs State of CS.
10k
100k
1k
1M
f
SAMPLE (Hz)
0.00
0.09
14
0
2
4
6
8
10
12
CS LOW
(GND)
CS HIGH (+V
CC)
T
A = 25°C
+V
CC = +2.7V
V
REF = +2.5V
f
CLK = 16 • fSAMPLE
PD1 = PD0 = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com