Electronic Components Datasheet Search
  English  ▼

X  

ADS7841ES/2K5 Datasheet(PDF) 14 Page - Texas Instruments

Part # ADS7841ES/2K5
Description  12-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS7841ES/2K5 Datasheet(HTML) 14 Page - Texas Instruments

Back Button ADS7841ES/2K5 Datasheet HTML 10Page - Texas Instruments ADS7841ES/2K5 Datasheet HTML 11Page - Texas Instruments ADS7841ES/2K5 Datasheet HTML 12Page - Texas Instruments ADS7841ES/2K5 Datasheet HTML 13Page - Texas Instruments ADS7841ES/2K5 Datasheet HTML 14Page - Texas Instruments ADS7841ES/2K5 Datasheet HTML 15Page - Texas Instruments ADS7841ES/2K5 Datasheet HTML 16Page - Texas Instruments ADS7841ES/2K5 Datasheet HTML 17Page - Texas Instruments ADS7841ES/2K5 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
ADS7841
14
SBAS084B
LAYOUT
For optimum performance, care should be taken with the
physical layout of the ADS7841 circuitry. This is particu-
larly true if the reference voltage is low and/or the conver-
sion rate is high.
The basic SAR architecture is sensitive to glitches or sudden
changes on the power supply, reference, ground connec-
tions, and digital inputs that occur just prior to latching the
output of the analog comparator. Thus, during any single
conversion for an n-bit SAR converter, there are n “win-
dows” in which large external transient voltages can easily
affect the conversion result. Such glitches might originate
from switching power supplies, nearby digital logic, and
high power devices. The degree of error in the digital output
depends on the reference voltage, layout, and the exact
timing of the external event. The error can change if the
external event changes in time with respect to the DCLK
input.
With this in mind, power to the ADS7841 should be clean
and well bypassed. A 0.1
µF ceramic bypass capacitor should
be placed as close to the device as possible. In addition, a
1
µF to 10µF capacitor and a 5Ω or 10Ω series resistor may
be used to low-pass filter a noisy supply.
The reference should be similarly bypassed with a 0.1
µF
capacitor. Again, a series resistor and large capacitor can be
used to low-pass filter the reference voltage. If the reference
voltage originates from an op amp, make sure that it can
drive the bypass capacitor without oscillation (the series
resistor can help in this case). The ADS7841 draws very
little current from the reference on average, but it does place
larger demands on the reference circuitry over short periods
of time (on each rising edge of DCLK during a conversion).
The ADS7841 architecture offers no inherent rejection of
noise or voltage variation in regards to the reference input.
This is of particular concern when the reference input is tied
to the power supply. Any noise and ripple from the supply
will appear directly in the digital results. While high fre-
quency noise can be filtered out as discussed in the previous
paragraph, voltage variation due to line frequency (50Hz or
60Hz) can be difficult to remove.
The GND pin should be connected to a clean ground point.
In many cases, this will be the “analog” ground. Avoid
connections which are too near the grounding point of a
microcontroller or digital signal processor. If needed, run a
ground trace directly from the converter to the power supply
entry point. The ideal layout will include an analog ground
plane dedicated to the converter and associated analog
circuitry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com