Electronic Components Datasheet Search
  English  ▼

X  

ADS7841ES/2K5 Datasheet(PDF) 1 Page - Texas Instruments

Part # ADS7841ES/2K5
Description  12-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS7841ES/2K5 Datasheet(HTML) 1 Page - Texas Instruments

  ADS7841ES/2K5 Datasheet HTML 1Page - Texas Instruments ADS7841ES/2K5 Datasheet HTML 2Page - Texas Instruments ADS7841ES/2K5 Datasheet HTML 3Page - Texas Instruments ADS7841ES/2K5 Datasheet HTML 4Page - Texas Instruments ADS7841ES/2K5 Datasheet HTML 5Page - Texas Instruments ADS7841ES/2K5 Datasheet HTML 6Page - Texas Instruments ADS7841ES/2K5 Datasheet HTML 7Page - Texas Instruments ADS7841ES/2K5 Datasheet HTML 8Page - Texas Instruments ADS7841ES/2K5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
12-Bit, 4-Channel Serial Output Sampling
ANALOG-TO-DIGITAL CONVERTER
FEATURES
q SINGLE SUPPLY: 2.7V to 5V
q 4-CHANNEL SINGLE-ENDED OR
2-CHANNEL DIFFERENTIAL INPUT
q UP TO 200kHz CONVERSION RATE
q
±1LSB MAX INL AND DNL
q NO MISSING CODES
q 72dB SINAD
q SERIAL INTERFACE
q DIP-16 OR SSOP-16 PACKAGE
q ALTERNATE SOURCE FOR MAX1247
q ADS7841ES: +125
°C Version
DESCRIPTION
The ADS7841 is a 4-channel, 12-bit sampling Analog-to-
Digital Converter (ADC) with a synchronous serial inter-
face. The resolution is programmable to either 8 bits or 12
bits. Typical power dissipation is 2mW at a 200kHz through-
put rate and a +5V supply. The reference voltage (VREF) can
be varied between 100mV and VCC, providing a correspond-
ing input voltage range of 0V to VREF. The device includes
a shutdown mode which reduces power dissipation to under
15
µW. The ADS7841 is tested down to 2.7V operation.
Low power, high speed, and on-board multiplexer make the
ADS7841 ideal for battery-operated systems such as per-
sonal digital assistants, portable multi-channel data loggers,
and measurement equipment. The serial interface also pro-
vides low-cost isolation for remote data acquisition. The
ADS7841 is available in a DIP-16 or a SSOP-16 package
and is specified over the –40
°C to +125°C(1) temperature
range.
NOTE: (1) ES grade only.
CDAC
SAR
Comparator
Four
Channel
Multiplexer
Serial
Interface
and
Control
CH0
CH1
CH2
CH3
COM
V
REF
CS
SHDN
DIN
DOUT
MODE
BUSY
DCLK
ADS7841
ADS7841
APPLICATIONS
q DATA ACQUISITION
q TEST AND MEASUREMENT
q INDUSTRIAL PROCESS CONTROL
q PERSONAL DIGITAL ASSISTANTS
q BATTERY-POWERED SYSTEMS
ADS7841
SBAS084B – JULY 2001
www.ti.com
Copyright © 2000, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - ADS7841ES/2K5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7841ES/2K5 TI1-ADS7841ES/2K5 Datasheet
492Kb / 20P
12-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7841ES/2K5G4 TI1-ADS7841ES/2K5G4 Datasheet
492Kb / 20P
12-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS7841ES/2K5

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7841 BURR-BROWN-ADS7841 Datasheet
277Kb / 14P
12-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7844 BURR-BROWN-ADS7844 Datasheet
204Kb / 14P
12-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8341 TI-ADS8341 Datasheet
417Kb / 18P
16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7841-Q1 TI1-ADS7841-Q1 Datasheet
674Kb / 24P
12-BIT 4-CHANNEL SERIAL-OUTPUT SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS7841EG4 TI-ADS7841EG4 Datasheet
476Kb / 19P
12-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8343E2K5 BURR-BROWN-ADS8343E2K5 Datasheet
874Kb / 23P
16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8341 TI1-ADS8341_14 Datasheet
1Mb / 25P
16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7844 TI1-ADS7844_14 Datasheet
770Kb / 23P
12-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7841 TI1-ADS7841_14 Datasheet
492Kb / 20P
12-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8341 TI1-ADS8341_15 Datasheet
1Mb / 24P
16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com