Electronic Components Datasheet Search
  English  ▼

X  

ADS7841ES/2K5 Datasheet(PDF) 11 Page - Texas Instruments

Part # ADS7841ES/2K5
Description  12-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS7841ES/2K5 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS7841ES/2K5 Datasheet HTML 7Page - Texas Instruments ADS7841ES/2K5 Datasheet HTML 8Page - Texas Instruments ADS7841ES/2K5 Datasheet HTML 9Page - Texas Instruments ADS7841ES/2K5 Datasheet HTML 10Page - Texas Instruments ADS7841ES/2K5 Datasheet HTML 11Page - Texas Instruments ADS7841ES/2K5 Datasheet HTML 12Page - Texas Instruments ADS7841ES/2K5 Datasheet HTML 13Page - Texas Instruments ADS7841ES/2K5 Datasheet HTML 14Page - Texas Instruments ADS7841ES/2K5 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ADS7841
11
SBAS084B
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(MSB)
(LSB)
S
A2
A1
A0
MODE
SGL/DIF
PD1
PD0
TABLE III. Order of the Control Bits in the Control Byte.
TABLE IV. Descriptions of the Control Bits within the
Control Byte.
BIT
NAME
DESCRIPTION
7
S
Start Bit. Control byte starts with first HIGH bit on
DIN. A new control byte can start every 15th clock
cycle in 12-bit conversion mode or every 11th clock
cycle in 8-bit conversion mode.
6 - 4
A2 - A0
Channel Select Bits. Along with the SGL/DIF bit,
these bits control the setting of the multiplexer input,
see Tables I and II.
3
MODE
12-Bit/8-Bit Conversion Select Bit. If the MODE pin
is HIGH, this bit controls the number of bits for the
next conversion: 12-bits (LOW) or 8-bits (HIGH). If
the MODE pin is LOW, this bit has no function and
the conversion is always 12 bits.
2
SGL/DIF
Single-Ended/Differential Select Bit. Along with bits
A2 - A0, this bit controls the setting of the multiplexer
input, see Tables I and II.
1 - 0
PD1 - PD0
Power-Down Mode Select Bits. See Table V for
details.
Control Byte
Also shown in Figure 3 is the placement and order of the
control bits within the control byte. Tables III and IV give
detailed information about these bits. The first bit, the ‘S’ bit,
must always be HIGH and indicates the start of the control
byte. The ADS7841 will ignore inputs on the DIN pin until
the start bit is detected. The next three bits (A2 - A0) select
the active input channel or channels of the input multiplexer
(see Tables I and II and Figure 2).
MODE pin is HIGH, then the MODE bit determines the
number of bits for each conversion, either 12 bits (LOW) or
8 bits (HIGH).
The SGL/DIF bit controls the multiplexer input mode: either
single-ended (HIGH) or differential (LOW). In single-ended
mode, the selected input channel is referenced to the COM
pin. In differential mode, the two selected inputs provide a
differential input. See Tables I and II and Figure 2 for more
information. The last two bits (PD1 - PD0) select the power-
down mode, as shown in Table V. If both inputs are HIGH,
the device is always powered up. If both inputs are LOW,
the device enters a power-down mode between conversions.
When a new conversion is initiated, the device will resume
normal operation instantly—no delay is needed to allow the
device to power up and the very first conversion will be
valid.
16-Clocks per Conversion
The control bits for conversion n+1 can be overlapped with
conversion ‘n’ to allow for a conversion every 16 clock
cycles, as shown in Figure 4. This figure also shows possible
serial communication occurring with other serial peripherals
between each byte transfer between the processor and the
converter. This is possible provided that each conversion
completes within 1.6ms of starting. Otherwise, the signal
that has been captured on the input sample-and-hold may
droop enough to affect the conversion result. In addition, the
ADS7841 is fully powered while other serial communica-
tions are taking place.
1
DCLK
CS
81
11
DOUT
BUSY
S
DIN
CONTROL BITS
S
CONTROL BITS
10
98765
4
3210
11 10
9
81
1
8
FIGURE 4. Conversion Timing, 16-Clocks per Conversion, 8-bit Bus Interface. No DCLK delay required with dedicated
serial port.
PD1
PD0
Description
0
0
Power-down between conversions. When each
conversion is finished, the converter enters a low
power mode. At the start of the next conversion,
the device instantly powers up to full power. There
is no need for additional delays to assure full
operation and the very first conversion is valid.
0
1
Reserved for Future Use
1
0
Reserved for Future Use
1
1
No power-down between conversions, device al-
ways powered.
TABLE V. Power-Down Selection.
The MODE bit and the MODE pin work together to deter-
mine the number of bits for a given conversion. If the
MODE pin is LOW, the converter always performs a 12-bit
conversion regardless of the state of the MODE bit. If the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com