Electronic Components Datasheet Search
  English  ▼

X  

ADS8324EB Datasheet(PDF) 2 Page - Texas Instruments

Part # ADS8324EB
Description  14-Bit, High Speed, 1.8V MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS8324EB Datasheet(HTML) 2 Page - Texas Instruments

  ADS8324EB Datasheet HTML 1Page - Texas Instruments ADS8324EB Datasheet HTML 2Page - Texas Instruments ADS8324EB Datasheet HTML 3Page - Texas Instruments ADS8324EB Datasheet HTML 4Page - Texas Instruments ADS8324EB Datasheet HTML 5Page - Texas Instruments ADS8324EB Datasheet HTML 6Page - Texas Instruments ADS8324EB Datasheet HTML 7Page - Texas Instruments ADS8324EB Datasheet HTML 8Page - Texas Instruments ADS8324EB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
ADS8324
2
SBAS172A
www.ti.com
ABSOLUTE MAXIMUM RATINGS(1)
VCC ....................................................................................................... +6V
Analog Input ............................................................. –0.3V to (VCC + 0.3V)
Logic Input .............................................................................. –0.3V to 6V
Case Temperature ......................................................................... +100
°C
Junction Temperature .................................................................... +150
°C
Storage Temperature ..................................................................... +125
°C
External Reference Voltage .............................................................. +5.5V
NOTE: (1) Stresses above these ratings may permanently damage the device.
PIN
NAME
DESCRIPTION
1VREF
Reference Input
2
+In
Non Inverting Input
3
–In
Inverting Input
4
GND
Ground
5
CS/SHDN
Chip Select when LOW, Shutdown Mode when
HIGH.
6DOUT
The serial output data word is comprised of 16
bits of data. In operation, the data is valid on the
rising edge of DCLOCK. The fifth falling edge of
DCLOCK after the falling edge of CS enables
the serial output. After one null bit, data is valid
for the next 16 edges.
7
DCLOCK
Data Clock synchronizes the serial data transfer
and determines conversion speed.
8+VCC
Power Supply
PIN ASSIGNMENTS
MAXIMUM
NO
INTEGRAL
MISSING
PACKAGE
SPECIFICATION
LINEARITY
CODES
DRAWING
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
ERROR (LSB)
ERROR (LSB)
PACKAGE
NUMBER(1)
RANGE
MARKING(2)
NUMBER(3)
MEDIA
ADS8324E
±3
14
MSOP
337
–40
°C to +85°C
A24
ADS8324E/250
Tape and Reel
""
"
"
"
"
"
ADS8324E/2K5
Tape and Reel
ADS8324EB
±2
14
MSOP
337
–40
°C to +85°C
A24
ADS8324EB/250
Tape and Reel
""
"
"
"
"
"
ADS8324EB/2K5
Tape and Reel
NOTES: (1) For detail drawing and dimension table, please see end of data sheet or package drawing file on web. (2) Performance grade information is marked
on the reel. (3) Models with a slash (/) are available only in Tape and Reel in the quantities indicated (e.g., /2K5 indicates 2500 devices per reel). Ordering 2500
pieces of “ADS8324EB/2K5” will get a single 2500-piece Tape and Reel.
PIN CONFIGURATION
Top View
MSOP
PACKAGE/ORDERING INFORMATION
PACKAGE/ORDERING INFORMATION
1
2
3
4
8
7
6
5
+VCC
DCLOCK
DOUT
CS/SHDN
VREF
+In
–In
GND
ADS8324
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com