Electronic Components Datasheet Search
  English  ▼

X  

ADS8324EB Datasheet(PDF) 4 Page - Texas Instruments

Part # ADS8324EB
Description  14-Bit, High Speed, 1.8V MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS8324EB Datasheet(HTML) 4 Page - Texas Instruments

  ADS8324EB Datasheet HTML 1Page - Texas Instruments ADS8324EB Datasheet HTML 2Page - Texas Instruments ADS8324EB Datasheet HTML 3Page - Texas Instruments ADS8324EB Datasheet HTML 4Page - Texas Instruments ADS8324EB Datasheet HTML 5Page - Texas Instruments ADS8324EB Datasheet HTML 6Page - Texas Instruments ADS8324EB Datasheet HTML 7Page - Texas Instruments ADS8324EB Datasheet HTML 8Page - Texas Instruments ADS8324EB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
ADS8324
4
SBAS172A
www.ti.com
TYPICAL CHARACTERISTICS
At TA = +25°C, VCC = 1.8V, VREF = 0.9V, fSAMPLE = 50kHz, fCLK = 24 • fSAMPLE, unless otherwise specified.
FREQUENCY SPECTRUM
(4096 point FFT, fIN = 0.989kHz, –0.2dB)
0
–20
–40
–60
–80
–100
–120
–140
025
20
15
10
5
Frequency (kHz)
FREQUENCY SPECTRUM
(4096 point FFT, fIN = 9.998kHz, –0.2dB)
0
–20
–40
–60
–80
–100
–120
–140
025
20
15
10
5
Frequency (kHz)
FREQUENCY SPECTRUM
(4096 point FFT, fIN = 20.001kHz, –0.2dB)
0
–20
–40
–60
–80
–100
–120
–140
025
20
15
10
5
Frequency (kHz)
SIGNAL-TO-NOISE RATIO AND
SIGNAL-TO-(NOISE + DISTORTION)
vs INPUT FREQUENCY
90
85
80
75
70
65
60
1100
10
SNR
SINAD
Frequency (kHz)
SIGNAL-TO-NOISE RATIO AND
TOTAL HARMONIC DISTORTION
vs INPUT FREQUENCY
100
95
90
85
80
75
70
65
60
–100
–95
–90
–85
–80
–75
–70
–65
–60
1100
10
Frequency (kHz)
SFDR
THD(1)
NOTE: (1) First nine harmonics
of the input frequency.
COMMON-MODE REJECTION vs FREQUENCY
80
75
70
65
60
55
50
45
40
100
1M
10k
100k
1k
Frequency (kHz)
VCM = 400mVp-p sinewave centered around VREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com